전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29SF040-70-4I-WH 데이터시트(PDF) 2 Page - Silicon Storage Technology, Inc

부품명 SST29SF040-70-4I-WH
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040-70-4I-WH 데이터시트(HTML) 2 Page - Silicon Storage Technology, Inc

  SST29SF040-70-4I-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29SF040-70-4I-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
Device Operation
Commands are used to initiate the memory operation func-
tions of the device. Commands are written to the device
using standard microprocessor write sequences. A com-
mand is written by asserting WE# low while keeping CE#
low. The address bus is latched on the falling edge of WE#
or CE#, whichever occurs last. The data bus is latched on
the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the SST29SFxxx and SST29VFxxx
devices are controlled by CE# and OE#, both have to be
low for the system to obtain data from the outputs. CE# is
used for device selection. When CE# is high, the chip is
deselected and only standby power is consumed. OE# is
the output control and is used to gate data from the output
pins. The data bus is in high impedance state when either
CE# or OE# is high. Refer to the Read cycle timing dia-
gram for further details (Figure 4).
Byte-Program Operation
The SST29SFxxx and SST29VFxxx devices are pro-
grammed on a byte-by-byte basis. The Program operation
consists of three steps. The first step is the three-byte-load
sequence for Software Data Protection. The second step is
to load byte address and byte data. During the Byte-Pro-
gram operation, the addresses are latched on the falling
edge of either CE# or WE#, whichever occurs last. The
data is latched on the rising edge of either CE# or WE#,
whichever occurs first. The third step is the internal Pro-
gram operation which is initiated after the rising edge of the
fourth WE# or CE#, whichever occurs first. The Program
operation, once initiated, will be completed, within 20 µs.
See Figures 5 and 6 for WE# and CE# controlled Program
operation timing diagrams and Figure 16 for flowcharts.
During the Program operation, the only valid reads are
Data# Polling and Toggle Bit. During the internal Program
operation, the host is free to perform additional tasks. Any
commands written during the internal Program operation
will be ignored.
Sector-Erase Operation
The Sector-Erase operation allows the system to erase the
device on a sector-by-sector basis. The SST29SFxxx and
SST29VFxxx offer Sector-Erase mode. The sector archi-
tecture is based on uniform sector size of 128 Bytes. The
Sector-Erase operation is initiated by executing a six-byte-
command sequence with Sector-Erase command (20H)
and sector address (SA) in the last bus cycle. The sector
address is latched on the falling edge of the sixth WE#
pulse, while the command (20H) is latched on the rising
edge of the sixth WE# pulse. The internal Erase operation
begins after the sixth WE# pulse. The End-of-Erase opera-
tion can be determined using either Data# Polling or Toggle
Bit methods. See Figure 9 for timing waveforms. Any com-
mands issued during the Sector-Erase operation are
ignored.
Chip-Erase Operation
The SST29SFxxx and SST29VFxxx devices provide a
Chip-Erase operation, which allows the user to erase the
entire memory array to the “1s” state. This is useful when
the entire device must be quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte Software Data Protection command sequence with
Chip-Erase command (10H) with address 555H in the last
byte sequence. The internal Erase operation begins with
the rising edge of the sixth WE# or CE#, whichever occurs
first. During the internal Erase operation, the only valid read
is Toggle Bit or Data# Polling. See Table 4 for the command
sequence, Figure 10 for timing diagram, and Figure 19 for
the flowchart. Any commands written during the Chip-
Erase operation will be ignored.
Write Operation Status Detection
The SST29SFxxx and SST29VFxxx devices provide two
software means to detect the completion of a Write (Pro-
gram or Erase) cycle, in order to optimize the system
write cycle time. The software detection includes two sta-
tus bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The
End-of-Write detection mode is enabled after the rising
edge of WE# which initiates the internal Program or
Erase operation.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the Write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either DQ7 or DQ6. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.


유사한 부품 번호 - SST29SF040-70-4I-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29SF040-55-4C-NH SST-SST29SF040-55-4C-NH Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF040-55-4C-NH SST-SST29SF040-55-4C-NH Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
SST29SF040-55-4C-NHE SST-SST29SF040-55-4C-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29SF040-55-4C-NHE SST-SST29SF040-55-4C-NHE Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
SST29SF040-55-4C-WH SST-SST29SF040-55-4C-WH Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

유사한 설명 - SST29SF040-70-4I-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com