전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89C54-33-I-TQI 데이터시트(PDF) 6 Page - Silicon Storage Technology, Inc

부품명 SST89C54-33-I-TQI
상세설명  FlashFlex51 MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C54-33-I-TQI 데이터시트(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST89C54-33-I-TQI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89C54-33-I-TQI Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
TABLE 1: PIN DESCRIPTIONS
Symbol
Type1
Name and Functions
P0[7:0]
I/O1
Port 0: Port 0 is an 8-bit open drain bi-directional I/O port. As an output port each
pin can sink several LS TTL inputs. Port 0 pins that have 1’s written to them
float, and in that state can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during accesses to external
memory. In this application it uses strong internal pull-ups when transitioning
to 1’s. Port 0 also receives the code bytes during FLASH MEMORY
programming, and outputs the code bytes during program verification. External
pull-ups are required during program verification.
P1[7:0]
I/O with internal
Port 1: Port 1 is an 8-bit bi-directional I/O port with internal pull-ups. The Port 1
pull-ups
output buffers can drive LS TTL inputs. Port 1 pins that have 1’s written to them
are pulled high by the internal pull-ups, and in that state can be used as
inputs. As inputs, Port 1 pins that are externally pulled low will source current
(IIL, on the data sheet) because of the internal pull-ups. P1(5, 6, 7) have high
current drive of 16mA. Port 1 also receives the low-order address bytes during
FLASH MEMORY programming and program verification.
P1[0]
I
T2: (external count input to Timer/Counter 2), clock-out
P1[1]
I
T2EX: (Timer/Counter 2 capture/reload trigger and direction control)
P2[7:0]
I/O with internal
Port 2: Port 2 is an 8-bit bi-directional I/O port with internal pull-ups. Port 2 pins
pull-ups
that have 1’s written to them are pulled high by the internal pull-ups, and
in that state can be used as inputs. As inputs, Port 2 pins that are externally
pulled low will source current (IIL, on the data sheet) because of the internal
pull-ups. Port 2 sends the high-order address byte during fetches from external
Program memory and during accesses to external Data Memory that use 16-bit
address (MOVX@DPTR). In this application it uses strong internal pull-ups
when outputting 1’s. During accesses to external Data Memory that use 8-bit
addresses (MOVX@Ri), Port 2 sends the contents of the P2 Special Function
Register. Port 2 also receives some control signals and a partial of high-order
address bits during FLASH MEMORY programming and program verification.
P3[7:0]
I/O with internal
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. The Port 3
pull-ups
output buffers could drive LS TTL inputs. Port 3 pins that have 1’s written to them
are pulled high by the internal pull-ups, and in that state can be used as inputs.
As inputs, Port 3 pins that are externally pulled low will source current (IIL, on the
data sheet) because of the pull-ups. Port 3 also serves the functions of various
special features of the FlashFlex51 Family. Port 3 also receives some control
signals and a partial of high-order address bits during FLASH MEMORY
programming and program verification.
P3[0]
I
RXD: Serial input line
P3[1]
O
TXD: Serial output line
P3[2]
I
INT0#: External Interrupt 0
P3[3]
I
INT1#: External Interrupt 1
P3[4]
I
T0: Timer 0 external input
P3[5]
I
T1: Timer 1 external input
P3[6]
O
WR#: External Data Memory Write strobe
P3[7]
O
RD#: External Data Memory Read strobe


유사한 부품 번호 - SST89C54-33-I-TQI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89C54-33-I-TQI SST-SST89C54-33-I-TQI Datasheet
3Mb / 45P
   FlashFlex51 MCU
More results

유사한 설명 - SST89C54-33-I-TQI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com