전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29VF512-55-4I-WH 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc

부품명 SST29VF512-55-4I-WH
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VF512-55-4I-WH 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST29VF512-55-4I-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29VF512-55-4I-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
7
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
TABLE
4: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Byte-Program
555H
AAH
2AAH
55H
555H
A0H
BA2
Data
Sector-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
SAX3
20H
Chip-Erase
555H
AAH
2AAH
55H
555H
80H
555H
AAH
2AAH
55H
555H
10H
Software ID Entry4,5
555H
AAH
2AAH
55H
555H
90H
Software ID Exit6
XXH
F0H
Software ID Exit6
555H
AAH
2AAH
55H
555H
F0H
T4.4 505
1. Address format A14-A0 (Hex),
Address A15 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF512.
Addresses A15 - A16 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF010.
Addresses A15 - A17 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF020.
Addresses A15 - A18 can be VIL or VIH, but no other value, for the Command sequence for SST29SF/VF040.
2. BA = Program Byte address
3. SAX for Sector-Erase; uses AMS-A7 address lines for SST29SF/VFxxx
AMS = Most significant address
AMS = A15 for SST29SF/VF512, A16 for SST29SF/VF010, A17 for SST29SF/VF020, and A18 for SST29SF/VF040
4. The device does not remain in Software Product ID Mode if powered down.
5. With AMS-A1 =0;
SST Manufacturer’s ID= BFH, is read with A0 = 0,
SST29SF512 Device ID = 20H, is read with A0 = 1
SST29SF512 Device ID = 21H, is read with A0 = 1
SST29SF010 Device ID = 22H, is read with A0 = 1
SST29VF010 Device ID = 23H, is read with A0 = 1
SST29SF020 Device ID = 24H, is read with A0 = 1
SST29SF020 Device ID = 25H, is read with A0 = 1
SST29SF040 Device ID = 13H, is read with A0 = 1
SST29VF040 Device ID = 14H, is read with A0 = 1
6. Both Software ID Exit operations are equivalent


유사한 부품 번호 - SST29VF512-55-4I-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29VF010-120-4C-EH SST-SST29VF010-120-4C-EH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4C-NH SST-SST29VF010-120-4C-NH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4C-PH SST-SST29VF010-120-4C-PH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4C-WH SST-SST29VF010-120-4C-WH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29VF010-120-4I-EH SST-SST29VF010-120-4I-EH Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
More results

유사한 설명 - SST29VF512-55-4I-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com