전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89E554RC-25-C-NI 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc

부품명 SST89E554RC-25-C-NI
상세설명  FlashFlex51 MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E554RC-25-C-NI 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc

  SST89E554RC-25-C-NI Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E554RC-25-C-NI Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Preliminary Specifications
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
5
©2001 Silicon Storage Technology, Inc.
S71207-00-000
9/01
555
LIST OF TABLES
TABLE 2-1: Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
TABLE 3-1: SFCF Values for Program Memory Block Switching for SST89E564RD/SST89V564RD . . . 11
TABLE 3-2: SFCF Values for Program Memory Block Switching for SST89E554RC/SST89V554RC . . . 12
TABLE 3-3: SFCF Values Under Different Reset Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
TABLE 3-4: FlashFlex51 SFR Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
TABLE 3-5: CPU related SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
TABLE 3-6: Flash Memory Programming SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
TABLE 3-7: Watchdog Timer SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
TABLE 3-8: Timer/Counters SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
TABLE 3-9: Interface SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
TABLE 3-10: PCA SFRs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
TABLE 3-11: PCA Module Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
TABLE 4-1: External Host Mode Commands for SST89E564RD/SST89V564RD . . . . . . . . . . . . . . . . . . 27
TABLE 4-2: External Host Mode Commands for SST89E554RC/SST89V554RC . . . . . . . . . . . . . . . . . . 28
TABLE 4-3: Signature Bytes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
TABLE 4-4: IAP Address Resolution for SST89E564RD/SST89V564RD . . . . . . . . . . . . . . . . . . . . . . . . . 36
TABLE 4-5: In-Application Programming Mode Commands for SST89E564RD/SST89V564RD . . . . . . . 38
TABLE 4-6: In-Application Programming Mode Commands for SST89E554RC/SST89V554RC . . . . . . . 38
TABLE 4-7: Flash Memory Programming/Verification Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
TABLE 8-1: Count Pulse Selected Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
TABLE 8-2: Possible Modes and Associated Values for CCAPMn . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
TABLE 9-1: Security Lock Options. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
TABLE 9-2: Security Lock Access Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
TABLE 10-1: Interrupt Polling Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
TABLE 10-2: Power Saving Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
TABLE 11-1: Operating Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
TABLE 11-2: Reliability Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
TABLE 11-3: DC Electrical Characteristics: 40MHz devices; 4.5-5.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
TABLE 11-4: DC Electrical Characteristics: 25MHz devices; 2.7-3.6V . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
TABLE 11-5: AC Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
TABLE 11-6: External Clock Drive . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
TABLE 11-7: Serial Port Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59


유사한 부품 번호 - SST89E554RC-25-C-NI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E554RC-33-C-NI SST-SST89E554RC-33-C-NI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-33-C-NJ SST-SST89E554RC-33-C-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-33-C-PI SST-SST89E554RC-33-C-PI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-33-C-PJ SST-SST89E554RC-33-C-PJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E554RC-33-C-TQI SST-SST89E554RC-33-C-TQI Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

유사한 설명 - SST89E554RC-25-C-NI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com