전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5V330CDBR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TS5V330CDBR
상세설명  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS5V330CDBR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TS5V330CDBR Datasheet HTML 2Page - Texas Instruments TS5V330CDBR Datasheet HTML 3Page - Texas Instruments TS5V330CDBR Datasheet HTML 4Page - Texas Instruments TS5V330CDBR Datasheet HTML 5Page - Texas Instruments TS5V330CDBR Datasheet HTML 6Page - Texas Instruments TS5V330CDBR Datasheet HTML 7Page - Texas Instruments TS5V330CDBR Datasheet HTML 8Page - Texas Instruments TS5V330CDBR Datasheet HTML 9Page - Texas Instruments TS5V330CDBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TS5V330C
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
EN, IN
VCC = 4.5 V,
IIN = –18 mA
–1.8
V
VH
EN, IN
400
mV
IIH
EN, IN
VCC = 5.5 V,
VIN and VEN = VCC
±1
μA
IIL
EN, IN
VCC = 5.5 V,
VIN and VEN = GND
±1
μA
VO = 0 to 5.5 V,
IOZ
(3)
VCC = 5.5 V,
Switch OFF
±10
μA
VI = 0,
VO = 0 to 5.5 V,
IOS
VCC = 5.5 V,
Switch ON
±110
mA
VI = 0,
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
±1
μA
ICC
VCC = 5.5 V,
II/O = 0,
Switch ON or OFF
3
μA
ΔICC
EN, IN
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
VCC = 5.5 V,
mA/
ICCD
D and S ports are open,
VIN switching 50% duty cycle
0.25
VEN = GND,
MHz
Cin
EN, IN
VIN or VEN = 0
f = 1 MHz
3.5
pF
D port
Switch OFF,
8.5
COFF
VI/O = 3 V or 0,
VIN = VCC or GND
pF
S port
Switch ON,
5.5
CON
VI = 0,
f = 1 MHz, outputs open,
Switch ON
16.5
pF
VI = 1 V,
IO = 13 mA, RL = 75 Ω
3
7
rON
(4)
VCC = 4.5 V
VI = 2 V,
IO = 26 mA, RL = 75 Ω
3
10
(1)
VI , VO, II, and IO refer to the I/O pins.
(2)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (S or D) terminals.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ±10%, RL = 75 Ω, CL = 20 pF (unless otherwise noted)
(see Figure 5)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tON
S
D
1.5
6.0
ns
tOFF
S
D
1.5
5.9
ns
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ±10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DG
RL = 150 Ω, f = 3.58 MHz, see Figure 6
0.24
%
DP
RL = 150 Ω, f = 3.58 MHz, see Figure 6
0.039
°
BW
RL = 150 Ω, see Figure 7
250
MHz
XTALK
RIN = 10 Ω, RL = 150 Ω, f = 10 MHz, see Figure 7
–87
dB
OIRR
RL = 150 Ω, f = 10 MHz, see Figure 7
–54
dB
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5V330C


유사한 부품 번호 - TS5V330CDBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330D TI-TS5V330D Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330D TI-TS5V330D Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results

유사한 설명 - TS5V330CDBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Texas Instruments
TS3L100 TI-TS3L100_10 Datasheet
785Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com