전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39SF010A-70-4C-U1 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc

부품명 SST39SF010A-70-4C-U1
상세설명  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39SF010A-70-4C-U1 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc

  SST39SF010A-70-4C-U1 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39SF010A-70-4C-U1 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary Specification
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
3
©2001 Silicon Storage Technology, Inc.
S71147-02-000
5/01
398
tor- or Chip-Erase, the Data# Polling is valid after the rising
edge of sixth WE# (or CE#) pulse. See Figure 7 for Data#
Polling timing diagram and Figure 16 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 0s
and 1s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# (or
CE#) pulse for Program operation. For Sector- or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth
WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing dia-
gram and Figure 16 for a flowchart.
Data Protection
The SST39SF010A/020A/040 provide both hardware and
software features to protect nonvolatile data from inadvert-
ent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 2.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The
SST39SF010A/020A/040
provide
the
JEDEC
approved Software Data Protection scheme for all data
alteration operations, i.e., Program and Erase. Any Pro-
gram operation requires the inclusion of a series of three
byte sequence. The three byte-load sequence is used to
initiate the Program operation, providing optimal protection
from inadvertent Write operations, e.g., during the system
power-up or power-down. Any Erase operation requires the
inclusion of six byte load sequence. The SST39SF010A/
020A/040 devices are shipped with the Software Data Pro-
tection permanently enabled. See Table 4 for the specific
software
command
codes.
During
SDP
command
sequence, invalid commands will abort the device to read
mode, within TRC.
Product Identification
The product identification mode identifies the device as the
SST39SF040, SST39SF010A, or SST39SF020A and
manufacturer as SST. This mode may be accessed by soft-
ware operations. Users may wish to use the software prod-
uct identification operation to identify the part (i.e., using the
device ID) when using multiple manufacturers in the same
socket. For details, see Table 3 for hardware operation or
Table 4 for software operation, Figure 11 for the software ID
entry and read timing diagram and Figure 17 for the ID
entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Exit ID command sequence, which
returns the device to the Read operation. Please note that
the software reset command is ignored during an internal
Program or Erase operation. See Table 4 for software com-
mand codes, Figure 12 for timing waveform and Figure 17
for a flowchart.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39SF010A
0001H
B5H
SST39SF020A
0001H
B6H
SST39SF040
0001H
B7H
T1.2 398


유사한 부품 번호 - SST39SF010A-70-4C-U1

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39SF010A-70-4C-NH SST-SST39SF010A-70-4C-NH Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A-70-4C-NHE SST-SST39SF010A-70-4C-NHE Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A-70-4C-NHE MICROCHIP-SST39SF010A-70-4C-NHE Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39SF010A-70-4C-NHE MICROCHIP-SST39SF010A-70-4C-NHE Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF010A-70-4C-NHE MICROCHIP-SST39SF010A-70-4C-NHE Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results

유사한 설명 - SST39SF010A-70-4C-U1

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com