전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDN302P 데이터시트(PDF) 8 Page - Texas Instruments

부품명 FDN302P
상세설명  Contains all support circuitry needed for the ADS1148/ADS1248
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDN302P 데이터시트(HTML) 8 Page - Texas Instruments

Back Button FDN302P Datasheet HTML 4Page - Texas Instruments FDN302P Datasheet HTML 5Page - Texas Instruments FDN302P Datasheet HTML 6Page - Texas Instruments FDN302P Datasheet HTML 7Page - Texas Instruments FDN302P Datasheet HTML 8Page - Texas Instruments FDN302P Datasheet HTML 9Page - Texas Instruments FDN302P Datasheet HTML 10Page - Texas Instruments FDN302P Datasheet HTML 11Page - Texas Instruments FDN302P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADS1248EVM-PDK Kit Operation
www.ti.com
7.3
Default Jumper Settings and Switch Positions
Figure 3 shows the jumpers found on the EVM and the respective factory default conditions for each.
Figure 3. ADS1248EVM Default Jumper Locations
Table 6 lists the switches found on the EVM and the respective factory default conditions for each.
Table 6. List of Switches
Switch
Default Position
Switch Description
S1
Left
Onboard reference
8
ADS1248EVM-PDK Kit Operation
This section provides information on using the ADS1248EVM-PDK, including setup, program installation,
and program usage.
To prepare to evaluate the ADS1248 with the ADS1248EVM-PDK, complete the following steps:
Step 1.
Install the ADCPro software (if not already installed) on a PC.
Step 2.
Install the ADS1248EVM-PDK EVM plug-in software.
Step 3.
Complete the USB driver installation process.
Step 4.
Set up the ADS1248EVM-PDK.
Step 5.
Connect the ADS1248EVM-PDK to the computer with a USB cable.
Step 6.
Run the ADCPro software.
Each task is described in the subsequent sections of this document.
8
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
SBAU142B
– April 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


유사한 부품 번호 - FDN302P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Texas Instruments
FDN302P TI1-FDN302P Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
TECH PUBLIC Electronics...
FDN302P TECHPUBLIC-FDN302P Datasheet
11Mb / 6P
   P-Channel Enhancement-Mode MOS FETs
logo
Guangdong Youtai Semico...
FDN302P UMW-FDN302P Datasheet
309Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
FDN302P-NL VBSEMI-FDN302P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - FDN302P

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com