전자부품 데이터시트 검색엔진 |
|
CALVCH16245IDLREP 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
CALVCH16245IDLREP 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 11 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) To Seven Other Channels 1DIR 1A1 1B1 1OE To Seven Other Channels 2DIR 2A1 2B1 2OE 1 47 24 36 48 2 25 13 Absolute Maximum Ratings (1) SN74ALVCH16245-EP 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCES608A – SEPTEMBER 2004 – REVISED JUNE 2006 To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. FUNCTION TABLE (EACH 8-BIT SECTION) INPUTS OPERATION OE DIR L L B data to A bus L H A data to B bus H X Isolation LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V Except I/O ports(2) –0.5 4.6 VI Input voltage range V I/O ports(2)(3) –0.5 VCC + 0.5 VO Output voltage range(2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through each VCC or GND ±100 mA θ JA Package thermal impedance(4) 63 °C/W Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) This value is limited to 4.6 V maximum. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 2 Submit Documentation Feedback |
유사한 부품 번호 - CALVCH16245IDLREP |
|
유사한 설명 - CALVCH16245IDLREP |