전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA78L09ACDR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 UA78L09ACDR
상세설명  POSITIVE-VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L09ACDR 데이터시트(HTML) 5 Page - Texas Instruments

  UA78L09ACDR Datasheet HTML 1Page - Texas Instruments UA78L09ACDR Datasheet HTML 2Page - Texas Instruments UA78L09ACDR Datasheet HTML 3Page - Texas Instruments UA78L09ACDR Datasheet HTML 4Page - Texas Instruments UA78L09ACDR Datasheet HTML 5Page - Texas Instruments UA78L09ACDR Datasheet HTML 6Page - Texas Instruments UA78L09ACDR Datasheet HTML 7Page - Texas Instruments UA78L09ACDR Datasheet HTML 8Page - Texas Instruments UA78L09ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
µA78L00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 9 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T
µA78L02AC
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
UNIT
V
475Vt 20 V
I
1A t 40A
25
°C
2.5
2.6
2.7
Output voltage
VI = 4.75 V to 20 V,
IO = 1 mA to 40 mA
0
°C to 125°C
2.45
2.75
V
Output voltage
IO = 1 mA to 70 mA
0
°C to 125°C
2.45
2.75
V
Input voltage regulation
VI = 4.75 V to 20 V
25
°C
20
100
mV
Input voltage regulation
VI = 5 V to 20 V
25
°C
16
75
mV
Ripple rejection
VI = 6 V to 20 V,
f = 120 Hz
25
°C
43
51
dB
Output voltage regulation
IO = 1 mA to 100 mA
25
°C
12
50
mV
Output voltage regulation
IO = 1 mA to 40 mA
25
°C
6
25
mV
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
30
µV
Dropout voltage
25
°C
1.7
V
Bias current
25
°C
3.6
6
mA
Bias current
125
°C
5.5
mA
Bias current change
VI = 5 V to 20 V
0
°Cto125°C
2.5
mA
Bias current change
IO = 1 mA to 40 mA
0
°C to 125°C
0.1
mA
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output.
electrical characteristics at specified virtual junction temperature, VI = 10 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ‡
µA78L05C
µA78L05AC
µA78L05AI
UNIT
PARAMETER
TEST CONDITIONS
TJ‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
7Vt 20 V
I
1A t 40A
25
°C
4.6
5
5.4
4.8
5
5.2
Output voltage
VI = 7 V to 20 V,
IO = 1 mA to 40 mA
Full range
4.5
5.5
4.75
5.25
V
Output voltage
IO = 1 mA to 70 mA
Full range
4.5
5.5
4.75
5.25
V
Input
VI = 7 V to 20 V
25
°C
32
200
32
150
mV
Input
voltage regulation
VI = 8 V to 20 V
25
°C
26
150
26
100
mV
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
25
°C
40
49
41
49
dB
Output
IO = 1 mA to 100 mA
25
°C
15
60
15
60
mV
Output
voltage regulation
IO = 1 mA to 40 mA
25
°C
8
30
8
30
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
42
42
µV
Dropout voltage
25
°C
1.7
1.7
V
Bias current
25
°C
3.8
6
3.8
6
mA
Bias current
125
°C
5.5
5.5
mA
Bias
VI = 8 V to 20 V
Full range
1.5
1.5
mA
Bias
current change
IO = 1 mA to 40 mA
Full range
0.2
0.1
mA
Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Full range for the µA78L05AC is TJ = 0°C to 125°C,
and full range for the
µA78L05AI is TJ = −40°C to 125°C.


유사한 부품 번호 - UA78L09ACDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA78L09ACDR TI-UA78L09ACDR Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACDR TI-UA78L09ACDR Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L09ACDR TI-UA78L09ACDR Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACDR TI-UA78L09ACDR Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACDR TI-UA78L09ACDR Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

유사한 설명 - UA78L09ACDR

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com