전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89E564RD-25-C-TQI 데이터시트(PDF) 1 Page - Silicon Storage Technology, Inc

부품명 SST89E564RD-25-C-TQI
상세설명  FlashFlex51 MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89E564RD-25-C-TQI 데이터시트(HTML) 1 Page - Silicon Storage Technology, Inc

  SST89E564RD-25-C-TQI Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89E564RD-25-C-TQI Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
©2001 Silicon Storage Technology, Inc.
S71207-00-000
9/01
555
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
FlashFlex, In-Application Programming, IAP, and SoftLock are trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
8-bit 8051 Family Compatible Microcontroller
(MCU) with Embedded SuperFlash Memory
SST89E564RD/SST89E554RC is 5V Operation
– 0 to 40 MHz Operation at 5V
SST89V564RD/SST89V554RC is 3V Operation
– 0 to 25 MHz Operation at 3V
Fully Software and Development Toolset
Compatible as well as Pin-For-Pin Package
Compatible with Standard 8xC5x Microcontrollers
1 KByte Register/Data RAM
Dual Block SuperFlash EEPROM
– SST89E564RD/SST89V564RD: 64 KByte pri-
mary block + 8 KByte secondary block
(128-Byte sector size)
– SST89E554RC/SST89V554RC: 32 KByte pri-
mary block + 8 KByte secondary block
(128-Byte sector size)
– Individual Block Security Lock
– Concurrent Operation during In-Application
Programming (IAP)
– Block Address Re-mapping
Support External Address Range up to 64
KByte of Program and Data Memory
Three High-Current Drive Pins (16 mA each)
Three 16-bit Timers/Counters
Full-Duplex Enhanced UART
– Framing error detection
– Automatic address recognition
Nine Interrupt Sources at 4 Priority Levels
Watchdog Timer (WDT)
Programmable Counter Array (PCA)
Four 8-bit I/O Ports (32 I/O Pins)
Second DPTR register
Reduce EMI Mode (Inhibit ALE through AUXR SFR)
SPI Serial Interface
TTL- and CMOS-Compatible Logic Levels
Brown-out Detection
Extended Power-Saving Modes
– Idle Mode
– Power Down Mode with External Interrupt Wake-up
– Standby (Stop Clock) Mode
PDIP-40, PLCC-44 and TQFP-44 Packages
Temperature Ranges:
– Commercial (0°C to +70°C)
– Industrial (-40°C to +85°C)
PRODUCT DESCRIPTION
SST89E564RD,
SST89V564RD,
SST89E554RC,
and
SST89V554RC are members of the FlashFlex51 family of 8-
bit microcontrollers. The FlashFlex51 is a family of microcon-
troller products designed and manufactured on the state-of-
the-art SuperFlash CMOS semiconductor process technol-
ogy. The device uses the same powerful instruction set and
is pin-for-pin compatible with standard 8xC5x microcontroller
devices.
The device comes with 72/40 KByte of on-chip flash
EEPROM program memory using SST’s patented and pro-
prietary CMOS SuperFlash EEPROM technology with the
SST’s field-enhancing, tunneling injector, split-gate mem-
ory cells. The SuperFlash memory is partitioned into 2
independent program memory blocks. The primary Super-
Flash Block 0 occupies 64/32 KByte of internal program
memory space and the secondary SuperFlash Block 1
occupies 8 KByte of internal program memory space. The
8-KByte secondary SuperFlash block can be mapped to
the lowest location of the 64/32 KByte address space; it
can also be hidden from the program counter and used as
an independent EEPROM-like data memory. The flash
memory blocks can be programmed via a standard 87C5x
OTP EPROM programmer fitted with a special adapter and
firmware for SST’s device. During the power-on reset, the
device can be configured as a slave to an external host for
source code storage or as a master to an external host for
In-Application Programming (IAP) operation. The device is
designed to be programmed “In-System” and “In-Applica-
tion” on the printed circuit board for maximum flexibility. The
device is pre-programmed with an example of bootstrap
loader in the memory, demonstrating the initial user pro-
gram code loading or subsequent user code updating via
the “IAP” operation. An example of bootstrap loader is for
the user’s reference and convenience only. SST does not
guarantee the functionality or the usefulness of the sample
bootstrap loader. Chip-Erase or Block-Erase operations will
erase the pre-programmed sample code.
In addition to 72/40 KByte of SuperFlash EEPROM pro-
gram memory on-chip, the device can address up to 64
KByte of external program memory. In addition to 1024 x 8
bits of on-chip RAM, up to 64 KByte of external RAM can
be addressed.
SST’s highly reliable, patented SuperFlash technology and
memory cell architecture have a number of important
advantages
for
designing
and
manufacturing
flash
EEPROMs. These advantages translate into significant
cost and reliability benefits for our customers.
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
SST89E/V564RD SST89E/VE554RC FlashFlex51 MCU


유사한 부품 번호 - SST89E564RD-25-C-TQI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564RD-33-C-NI SST-SST89E564RD-33-C-NI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-NJ SST-SST89E564RD-33-C-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-PI SST-SST89E564RD-33-C-PI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-PJ SST-SST89E564RD-33-C-PJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E564RD-33-C-TQI SST-SST89E564RD-33-C-TQI Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results

유사한 설명 - SST89E564RD-25-C-TQI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com