전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89C58-33-AC-NJ 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST89C58-33-AC-NJ
상세설명  FlashFlex51 MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C58-33-AC-NJ 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST89C58-33-AC-NJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89C58-33-AC-NJ Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
MEMORY ORGANIZATION
The SST89C54/58 have separate address spaces for
program and data memory.
Program Memory
There are two internal flash memory blocks in the
SST89C54/58. The primary flash memory Block 0 has
16/32 KByte and occupies the address space 0000h to
3FFFh/7FFFh. The secondary flash memory Block 1 has
4 KByte and occupies the address space F000h to
FFFFh.
The 16/32K x8 primary SuperFlash block is organized as
128/256 uniform sectors with sector address from A15 to
A7. Each sector contains 2 rows with row address from
A15 to A6. Each row has 64 Bytes with byte address from
A5 to A0.
FIGURE 4: SECTOR ORGANIZATION
The 4K x8 secondary SuperFlash block is organized as
64 uniform sectors with sector address from A15 to A6.
Each sector contains 2 rows with row address from A15
to A5. Each row contains 32 Bytes with byte address
from A4 to A0. Figure 4 shows the sector organization for
SST89C54/58.
When internal code operation is enabled (EA# = 1), the
primary 16/32 KByte flash memory block is always
visible to the program counter for code fetching. Figures
5 and 6 show the program memory organizations for the
SST89C54/58.
When internal code operation is enabled (EA# = 1), the
secondary 4 KByte flash memory block is selectively
visible for code fetching. The secondary block is always
accessible through the SuperFlash mailbox registers:
SFCM, SFCF, SFAL, SFAH, SFDT and SFST. When bit
7 of the SuperFlash Configuration mailbox register
(SFCF[7]), SFR address location B1h, is set, the second-
ary 4 KByte block will be visible by program counter.
7FFFh
7F80h
4000h
3FFFh
0000h
Block 0 (16/32 KByte)
344 ILL F47.6
Sector 255
Sector 127
Sector 0
3F80h
007Fh
FFFFh
FFC0h
F03Fh
Block 1 (4 KByte)
Primary
Secondary
Sector 63
Sector 0
F000h
89C58
89C54


유사한 부품 번호 - SST89C58-33-AC-NJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89C58-33-AC-NJ SST-SST89C58-33-AC-NJ Datasheet
3Mb / 45P
   FlashFlex51 MCU
More results

유사한 설명 - SST89C58-33-AC-NJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com