전자부품 데이터시트 검색엔진 |
|
SST29VF512-70-4I-PH 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc |
|
SST29VF512-70-4I-PH 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc |
3 / 24 page Preliminary Specifications 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040 SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040 3 ©2001 Silicon Storage Technology, Inc. S71160-05-000 5/01 505 Data# Polling (DQ7) When the SST29SFxxx and SST29VFxxx devices are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. The device is then ready for the next operation. Dur- ing internal Erase operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase operation is com- pleted, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Pro- gram operation. For Sector- or Chip-Erase, the Data# Poll- ing is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Data# Polling timing diagram and Figure 17 for a flowchart. Toggle Bit (DQ6) During the internal Program or Erase operation, any con- secutive attempts to read DQ6 will produce alternating 0s and 1s, i.e., toggling between 0 and 1. When the internal Program or Erase operation is completed, the toggling will stop. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector or Chip- Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing dia- gram and Figure 17 for a flowchart. Data Protection The SST29SFxxx and SST29VFxxx devices provide both hardware and software features to protect nonvolatile data from inadvertent writes. Hardware Data Protection Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 2.5V for SST29SFxxx. The Write operation is inhibited when VDD is less than 1.5V. for SST29VFxxx. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvert- ent writes during power-up or power-down. Software Data Protection (SDP) The SST29SFxxx and SST29VFxxx provide the JEDEC approved Software Data Protection scheme for all data alteration operation, i.e., Program and Erase. Any Program operation requires the inclusion of a series of three byte sequence. The three byte-load sequence is used to initiate the Program operation, providing optimal protection from inadvertent write operations, e.g., during the system power- up or power-down. Any Erase operation requires the inclu- sion of six byte load sequence. These devices are shipped with the Software Data Protection permanently enabled. See Table 4 for the specific software command codes. Dur- ing SDP command sequence, invalid commands will abort the device to read mode, within TRC. Product Identification The Product Identification mode identifies the devices as SST29SF512, SST29SF010, SST29SF020, SST29SF040 and SST29VF512, SST29VF010, SST29VF020, SST29VF040 and manufacturer as SST. This mode may be accessed by software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufactur- ers in the same socket. For details, see Table 4 for software operation, Figure 11 for the Software ID Entry and Read timing diagram and Figure 18 for the Software ID Entry command sequence flowchart. Product Identification Mode Exit/Reset In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accom- plished by issuing the Software ID Exit command sequence, which returns the device to the Read operation. Please note that the Software ID Exit command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 12 for timing wave- form and Figure 18 for a flowchart. TABLE 1: PRODUCT IDENTIFICATION Address Data Manufacturer’s ID 0000H BFH Device ID SST29SF512 0001H 20H SST29VF512 0001H 21H SST29SF010 0001H 22H SST29VF010 0001H 23H SST29SF020 0001H 24H SST29VF020 0001H 25H SST29SF040 0001H 13H SST29VF040 0001H 14H T1.1 505 |
유사한 부품 번호 - SST29VF512-70-4I-PH |
|
유사한 설명 - SST29VF512-70-4I-PH |