전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29EE010-250-4I-EH 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST29EE010-250-4I-EH
상세설명  1 Mbit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-250-4I-EH 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST29EE010-250-4I-EH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
Data Sheet
1 Mbit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
©2001 Silicon Storage Technology, Inc.
S71061-07-000
6/01
304
TABLE
5: DC OPERATING CHARACTERISTICS VDD = 5.0V±10% FOR SST29EE010
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
Read
30
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Write
50
mA
CE#=WE#=VIL, OE#=VIH, VDD=VDD Max
ISB1
Standby VDD Current
(TTL input)
3
mA
CE#=OE#=WE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current
(CMOS input)
50
µA
CE#=OE#=WE#=VDD -0.3V, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN =GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT =GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=2.1 mA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-400 µA, VDD=VDD Min
T5.3 304
TABLE
6: DC OPERATING CHARACTERISTICS VDD = 3.0-3.6V FOR SST29LE010 AND 2.7-3.0V FOR SST29VE010
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
Read
12
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Write
15
mA
CE#=WE#=VIL, OE#=VIH, VDD=VDD Max
ISB1
Standby VDD Current
(TTL input)
1
mA
CE#=OE#=WE#=VIH, VDD=VDD Max
ISB2
Standby VDD Current
(CMOS input)
15
µA
CE#=OE#=WE#=VDD -0.3V, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
2.0
V
VDD=VDD Max
VOL
Output Low Voltage
0.4
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
2.4
V
IOH=-100 µA, VDD=VDD Min
T6.3 304


유사한 부품 번호 - SST29EE010-250-4I-EH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010-250-4I-EH SST-SST29EE010-250-4I-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010-250-4I-EH SST-SST29EE010-250-4I-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
More results

유사한 설명 - SST29EE010-250-4I-EH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com