전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST58LM024-70-C-FSI 데이터시트(PDF) 9 Page - Silicon Storage Technology, Inc

부품명 SST58LM024-70-C-FSI
상세설명  ATA-Disk Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM024-70-C-FSI 데이터시트(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST58LM024-70-C-FSI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58LM024-70-C-FSI Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
9
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
2.2 Absolute Maximum Stress Ratings
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50°C to +100°C
D.C. Voltage on any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD+1.0V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Through Hole Lead Soldering Temperature (10 Seconds). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE: SST58SMXXX
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
4.5-5.5V
OPERATING RANGE: SST58LMXXX
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.135-3.465V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 10 ns
Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF
See Figure 2-3
Note: All AC specifications are guaranteed by design.
TABLE
2-4: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Maximum
Units
TPU-READY1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Ready Operation
500
ms
TPU-WRITE1
Power-up to Program/Erase Operation
500
ms
T2-4.0 519


유사한 부품 번호 - SST58LM024-70-C-FSI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST58LD008 SST-SST58LD008 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD008-70-C-P1H SST-SST58LD008-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016 SST-SST58LD016 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016-70-C-P1H SST-SST58LD016-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD024 SST-SST58LD024 Datasheet
363Kb / 40P
   ATA-Disk Chip
More results

유사한 설명 - SST58LM024-70-C-FSI

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com