전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD10-20B24A2 데이터시트(PDF) 2 Page - MORNSUN Science& Technology Ltd.

부품명 LD10-20B24A2
상세설명  LD10 series ----is a compact size power converter offered by Mornsun.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD10-20B24A2 데이터시트(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LD10-20B24A2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD10-20B24A2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD10-20B24A2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD10-20B24A2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD10-20BXX
A/3-2012
Page2 of 4
COMMON SPECIFICATIONS
Operating
-25℃~+70℃
(55
°C~70℃)
2% / ℃
Power derating
(-25℃~0
°C)
2% / ℃
Storage
-40℃~+105℃
Temperature ranges
Case temperature
+95
max
Hold-up time
(Vin=230VAC)
50ms(typ)
Humidity
95%(max)
Temperature coefficient
0.02%/℃
Switching frequency
60kHz(typ)
Isolation voltage( Input-Output )
4000VAC/1Min
CE
CISPR22/EN55022
CLASS A(without external circuit)
/ CLASS B(with typical applications Figure 3)
EMI
RE
CISPR22/EN55022
CLASS A(without external circuit)
/ CLASS B(with typical applications Figure 3)
ESD
IEC/EN 61000-4-2
Contact
±6KV /Air ±8KV
perf. Criteria B
RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
IEC/EN 61000-4-4
±2 KV
(without external circuit)
perf. Criteria B
EFT
IEC/EN 61000-4-4
±4 KV
(with typical applications Figure 3)
perf. Criteria B
IEC/EN 61000-4-5
±1KV
(without external circuit)
perf. Criteria B
Surge
IEC/EN 61000-4-5
±2KV/±4KV
(with typical applications Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
EMS
Voltage dips、short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety standards
IEC60601,EN60601,UL60950
Safety approvals
EN60601,UL60950
Safety Class
CLASSⅡ
Case material
UL94V-0
Install
PCB mounting, Chassis mounting with Screw Terminals,
DIN-Rail mounting
MTBF
>300,000H @25℃
Package
PCB mounting
Chassis mounting with Screw Terminals
DIN-Rail mounting
53.8X28.8X19.0mm
96.1X54.0X27.5mm
96.1X54.0X32.1mm
Weight
50g(PCB mounting)
100g(Chassis mounting with Screw Terminals)
140g(DIN-Rail mounting)
Note:
1.
Ripple and Noise were measured by the method of anear measure (more details refer to the anear measure).
2.
Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, TA=25
°C, humidity < 75%.
ANEAR MEASURE
F USE
Copp er sh eet
Conn ect Os cillog rap h Probe
Load
C1: 1
µF (Ceramic capacitor)
C2:10
µF (Electrolytic capacitor)
TEMPERATURE VS LOAD
INPUT VOLTAGE VS LOAD
40
100
60
80
0
-10
-25
55
70
Load(%)
Temp erat ure( C)
50
20
40
100
60
80
Input voltage (Vac)
100
240
85
264
70
Load(%)
50
340
120
370
20
40
100
60
80
80
Load(%)
Input voltage (Vdc)
50


유사한 부품 번호 - LD10-20B24A2

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LD10-20B24 MORNSUN-LD10-20B24 Datasheet
2Mb / 6P
   10W, AC/DC converter
More results

유사한 설명 - LD10-20B24A2

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com