전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1102P 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1102P
상세설명  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1102P 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1102P Datasheet HTML 6Page - Sony Corporation CXA1102P Datasheet HTML 7Page - Sony Corporation CXA1102P Datasheet HTML 8Page - Sony Corporation CXA1102P Datasheet HTML 9Page - Sony Corporation CXA1102P Datasheet HTML 10Page - Sony Corporation CXA1102P Datasheet HTML 11Page - Sony Corporation CXA1102P Datasheet HTML 12Page - Sony Corporation CXA1102P Datasheet HTML 13Page - Sony Corporation CXA1102P Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
– 10 –
CXA1100/CXA1101/CXA1102/CXA1163
Ripple Rejection Ratio-2
(CXA1101)
Frequency [Hz]
10k
–70
5k
2k
1k
500
200
100
–10
–20
–30
–40
–50
–60
Decode Mode
VCC = 12V Single Supply
C1 (Pin4) = 100µF
C1 (Pin4) = 470µF
NR on
NR off
Ripple Rejection Ratio-4
(CXA1101)
Frequency [Hz]
10k
–60
5k
2k
1k
500
200
100
0
–10
–20
–30
–40
–50
VEE Rejection
VCC, VEE = ±6V
Encode
Decode
NR off
NR on
Ripple Rejection Ratio-1
(CXA1101)
Frequency [Hz]
10k
–70
Encode Mode
VCC = 12V Single Supply
5k
2k
1k
500
200
100
–10
–20
–30
–40
–50
–60
C1 (Pin4) = 100µF
C1 (Pin4)
= 470µF
NR on
NR off
Ripple Rejection Ratio-3
(CXA1101)
Frequency [Hz]
10k
–70
VCC Rejection
VCC, VEE = ±6V
5k
2k
1k
500
200
100
–10
–20
–30
–40
–50
–60
Encode
Decode
NR off
NR on
Notes on Applications
1) Power supply
The CXA1100 Series is basically designed to operate on single ended supply. The split supply operation is
also possible, however, VEE (negative) supply should provide low noise and ripple characteristics. The
ripple rejection ratio of these devices is generally good for Vcc supply (single ended supply and split
supply), however, that for VEE supply is not so good in the NR on mode because the integrated capacitors
for the side chain filter are connected to pin 15 (VEE on split supply).


유사한 부품 번호 - CXA1102P

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

유사한 설명 - CXA1102P

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com