전자부품 데이터시트 검색엔진 |
|
CXA1202R 데이터시트(PDF) 7 Page - Sony Corporation |
|
CXA1202R 데이터시트(HTML) 7 Page - Sony Corporation |
7 / 26 page – 7 – CXA1202Q-Z/CXA1202R No. 31 32 33 34 35 36 37 38 39 40 41 42 PB IN 2N PB IN 2P REC2 OUT Vcc 2CH MT Q REC2 IN MIX2 OUT MT 2 RF SWP GND 2CH PCM SEL ME LEVEL 2.4V 2.4V 15mA 5.0V 2.5V 1.8V 2.5V — (2.5V at OPEN of pin) — (Open: "L") 0V — (Open: "L") — (2.1V at OPEN of pin) — 90 to 900 µVp-p 13 mAp-p — — 92µA (Y signal) 203 mVp-p — — — — — 1.3k Ω 1.3k Ω — — ~ – 0 Emitter follower (IE = 1mA) 100k Ω 40k Ω — 40k Ω 100k Ω Symbol Equivalent circuit Description I/O resistance DC AC Voltage VCC GND 24k 76k 2.1V 18k 42 CH2 Head AMP Inverter phase input pin (decoupling with capacitance). CH2 Head AMP positive phase input pin (PB signal input pin). CH2 REC AMP output pin. Power supply pin for CH2 REC AMP and CH2 Head AMP. Q adjusting pin for medium range frequency compensation circuit. Controls Q through current value by connecting resistance between GNDs; Mutually effected by MT F φ. Do not connect capacitance. CH2 REC AMP input pin. Mix circuit output pin for CH2. Boost level adjusting pin for CH2 medium range frequency compensation circuit; variable between 0 and +12dB at 4.2 to 0.8V. RF switching pulse input pin for CH switchover. GND pin for CH2 REC AMP and CH2 head AMP. PCM AREA input pin; High: PCM REC period During High period after recording, MUTE is applied to PB VIDEO output. Level of low range REC signals (Chroma, AFM, ATF rec. with VIDEO) can be boosted by 0 to 3dB by voltage (0 to 5V) applied to this pin. Same as for Pin No. 30 Same as for Pin No. 29 Same as for Pin No. 28 Same as for Pin No. 26 Same as for Pin No. 25 Same as for Pin No. 24 Same as for Pin No. 23 Same as for Pin No. 1 Same as for Pin No. 1 — — |
유사한 부품 번호 - CXA1202R |
|
유사한 설명 - CXA1202R |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |