전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39LF080-55-4I-B3K 데이터시트(PDF) 9 Page - Silicon Storage Technology, Inc

부품명 SST39LF080-55-4I-B3K
상세설명  8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080-55-4I-B3K 데이터시트(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST39LF080-55-4I-B3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39LF080-55-4I-B3K Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
8 Mbit / 16 Mbit Multi-Purpose Flash
SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016
9
©2001 Silicon Storage Technology, Inc.
S71146-03-000
6/01
396
TABLE
8: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF016
Address
Data
Data
27H
15H
Device size = 2N Bytes (15H = 21; 221 = 2 MBytes)
28H
00H
Flash Device Interface description; 0000H = x8-only asynchronous interface
29H
00H
2AH
00H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
00H
2CH
02H
Number of Erase Sector/Block sizes supported by device
2DH
FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
01H
y = 511 + 1 = 512 sectors (01FFH = 511)
2FH
10H
30H
00H
z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16)
31H
1FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
00H
y = 31 + 1 = 32 blocks (001FH = 31)
33H
00H
34H
01H
z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T8.2 396


유사한 부품 번호 - SST39LF080-55-4I-B3K

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF080-55-4C-B3K SST-SST39LF080-55-4C-B3K Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-B3KE SST-SST39LF080-55-4C-B3KE Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-EI SST-SST39LF080-55-4C-EI Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-EIE SST-SST39LF080-55-4C-EIE Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
More results

유사한 설명 - SST39LF080-55-4I-B3K

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com