전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1211 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1211
상세설명  Electronic Volume
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1211 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1211 Datasheet HTML 2Page - Sony Corporation CXA1211 Datasheet HTML 3Page - Sony Corporation CXA1211 Datasheet HTML 4Page - Sony Corporation CXA1211 Datasheet HTML 5Page - Sony Corporation CXA1211 Datasheet HTML 6Page - Sony Corporation CXA1211 Datasheet HTML 7Page - Sony Corporation CXA1211 Datasheet HTML 8Page - Sony Corporation CXA1211 Datasheet HTML 9Page - Sony Corporation CXA1211 Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
– 10 –
CXA1211M
Package Outline
Unit: mm
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER/PALLADIUM
42/COPPER ALLOY
0.1g
SOP-8P-L03
SOP008-P-0225
8PIN SOP (PLASTIC)
SONY CODE
EIAJ CODE
JEDEC CODE
0° to 10°
0.1 – 0.1
+ 0.15
DETAILA
8
5
1
4
1.27
1.25 – 0.15
+ 0.4
A
5.0 – 0.1
+ 0.4
0.10
PLATING
M
0.24
b
B
(0.4)
b = 0.4 – 0.05
DETAIL B : SOLDER
b = 0.4 ± 0.03
DETAIL B : PALLADIUM
+ 0.1
NOTE : PALLADIUM PLATING
This product uses S-PdPPF (Sony Spec.-Palladium Pre-Plated Lead Frame).


유사한 부품 번호 - CXA1211

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1211 SONY-CXA1211 Datasheet
117Kb / 10P
   Electronic Volume, This bipolar IC incorporates 2 chnannels.
CXA1211M SONY-CXA1211M Datasheet
117Kb / 10P
   Electronic Volume, This bipolar IC incorporates 2 chnannels.
More results

유사한 설명 - CXA1211

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
logo
Toshiba Semiconductor
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com