전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST58LM096-70-C-FSJ 데이터시트(PDF) 1 Page - Silicon Storage Technology, Inc

부품명 SST58LM096-70-C-FSJ
상세설명  ATA-Disk Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM096-70-C-FSJ 데이터시트(HTML) 1 Page - Silicon Storage Technology, Inc

  SST58LM096-70-C-FSJ Datasheet HTML 1Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 2Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LM096-70-C-FSJ Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Advance Information
FEATURES:
ATA/IDE standard interface
– 512 Bytes per sector
– ATA command set compatible
– Selectable Master/Slave Operation
– Support Data Transfer Speed up to PIO Mode-4
8, 16, 24, 32, 48, 64, 96, 128, and 192 MByte
capacities
Standard Female IDE Connector
– 40-pin and 44-pin
Single Voltage Read and Write Operation
– 5.0V-only for SST58SMxxx
– 3.3V-only for SST58LMxxx
Supports 5.0-Volt or 3.3-Volt Read and Write
– 4.5-5.5V or 3.135-3.465V for Commercial
Low Power Consumption
– Active mode: 35 mA/55 mA (3.3V/5.0V) (typical)
– Sleep mode: 100 µA/150 µA (3.3V/5.0V) (typical)
Sustained Write Performance
– Up to 1.4 MB/sec (host to flash)
Extended Data Protection and Security
– WP# pin for Data Protection
– Factory-Programmed, 20-Byte Unique ID number
Controller Overhead Command to DRQ
– Less than 0.5 ms
Zero Power Data Retention
– Batteries not required for data storage
•Start Up Time
– Sleep to read: 200 ns (typical)
– Sleep to write: 200 ns (typical)
– Power-on to Ready:200 ms (typical)
Support for Commercial Temperature Range
– 0°C to +70°C for Operating Commercial
– -50°C to +100°C for non-Operating (storage)
Extremely Rugged and Reliable
– Built-in ECC support corrects 3 Bytes of error
per 512 Byte sector
Intelligent ATA/IDE Controller
– Built-in microcontroller with intelligent firmware
– Built-in Embedded Flash File System
Power Management Unit
– Immediate disabling of unused circuitry
PRODUCT DESCRIPTION
SST’s ATA-Disk Module (ADM) is a low cost, high perfor-
mance, embedded flash memory data storage system.
This product is well suited for solid state mass storage
applications offering new and expanded functionality while
enabling cost effective designs.
The ADM is a solid state disk drive that is designed to
replace conventional IDE hard disk drive and can be
plugged into a standard IDE connector commonly found in
desktop or portable PC systems.
ADM has built-in microcontroller and file management
firmware that communicates with ATA standard inter-
faces; therefore, the ADM does not require additional or
proprietary host software such as Flash File System
(FFS) and Memory Technology Driver (MTD) software.
The ADM is designed to work at either 5V or 3.3V and is
available in 8 to 192 MByte capacities. It uses standard ATA
driver that is part of all major OS such as Windows 95/98/
2000/NT/CE, MAC, UNIX, etc.
All signals, except WP#, are in compliance with the ATA
specifications. WP# is used to write protect the information
stored on the ADM. The WP# could be connected to the
motherboard write protect control logic through a jumper.
When WP# is low, the ADM is write protected to prohibit
any inadvertent writes.
Every ADM comes with factory-programmed, 20-Byte long,
unique identification number for extended data protection.
This feature prevents unauthorized duplication by allowing
encryption of customer data.
The ADM integrates a standard 40- or 44-pin female
connector for easy and cost effective mounting on top
of a standard IDE male connector commonly found on
the system motherboards. ADM also offers user
selectable Master/Slave operation through an external
jumper setting.
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58SM/LMxxxATA-Disk Module
8MB / 16MB / 24MB / 32MB / 48MB / 64MB / 96MB / 128MB / 192MB


유사한 부품 번호 - SST58LM096-70-C-FSJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST58LD008 SST-SST58LD008 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD008-70-C-P1H SST-SST58LD008-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016 SST-SST58LD016 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016-70-C-P1H SST-SST58LD016-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD024 SST-SST58LD024 Datasheet
363Kb / 40P
   ATA-Disk Chip
More results

유사한 설명 - SST58LM096-70-C-FSJ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com