전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25V20-PG 데이터시트(PDF) 6 Page - Ramtron International Corporation

부품명 FM25V20-PG
상세설명  2Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V20-PG 데이터시트(HTML) 6 Page - Ramtron International Corporation

Back Button FM25V20-PG Datasheet HTML 2Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 3Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 4Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 5Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 6Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 7Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 8Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 9Page - Ramtron International Corporation FM25V20-PG Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FM25V20 – 2Mb SPI F-RAM
Rev. 3.0
August 2012
Page 6 of 17
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /W pin must be high or inactive. Prior
to sending the WRSR command, the user must send
a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25V20 are
multi-tiered. Taking the /W pin to a logic low state is
the hardware write-protect function. Status Register
write operations are blocked when /W is low. To
write the memory with /W high, a WREN op-code
must first be issued. Assuming that writes are enabled
using WREN and by /W, writes to memory are
controlled by the Status Register. As described
above, writes to the Status Register are performed
using the WRSR command and subject to the /W pin.
The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
1
0
0
BP1
BP0
WEL
0
Bits 0, 4, 5 are fixed at 0 and bit 6 is fixed at 1, and
none of these bits can be modified. Note that bit 0
(“Ready” in Serial Flash) is unnecessary as the F-
RAM writes in real-time and is never busy, so it
reads out as a ‘0’. There is an exception to this when
the device is waking up from Sleep Mode, which is
described in the Sleep Mode section. The BP1 and
BP0 control software write protection features. They
are nonvolatile (shaded yellow). The WEL flag
indicates the state of the Write Enable Latch.
Attempting to directly write the WEL bit in the Status
Register has no effect on its state.
This bit is
internally set and cleared via the WREN and WRDI
commands, respectively.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write-
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
30000h to 3FFFFh (upper ¼)
1
0
20000h to 3FFFFh (upper ½)
1
1
00000h to 3FFFFh (all)
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes. The remaining write protection features
protect inadvertent changes to the block protect bits.
The WPEN bit controls the effect of the hardware /W
pin. When WPEN is low, the /W pin is ignored.
When WPEN is high, the /W pin controls write
access to the Status Register. Thus the Status Register
is write protected if WPEN=1 and /W=0.
This scheme provides a write protection mechanism,
which can prevent software from writing the memory
S
C
D
Q
S
C
D
Q


유사한 부품 번호 - FM25V20-PG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25V20-PG CYPRESS-FM25V20-PG Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25V20-PG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com