전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST89V554-25-C-TQJ 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST89V554-25-C-TQJ
상세설명  FlashFlex51 MCU
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V554-25-C-TQJ 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST89V554-25-C-TQJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89V554-25-C-TQJ Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
10
Preliminary Specifications
FlashFlex51 MCU
SST89E564 / SST89V564 / SST89E554 / SST89V554
©2001 Silicon Storage Technology, Inc.
S71181-03-000
9/01
384
3.0 MEMORY ORGANIZATION
The device has separate address spaces for program and
data memory.
3.1 Program Memory
There are two internal flash memory blocks in the device.
The primary flash memory block (Block 0) has 64/32
KByte. The secondary flash memory block (Block 1) has 8
KByte. Since the total program address space is limited to
64/32 KByte, the SFCF[1:0] bit are used to control Program
Bank Selection. Please refer to Figure 3-1 and Figure 3-2
for the program memory configurations. Program Bank
Select is described in the next section.
The 64K/32K x8 primary SuperFlash block is organized as
512/256 sectors, each sector consists of 128 Bytes.
The 8K x8 secondary SuperFlash block is organized as 64
sectors, each sector consists also of 128 Bytes.
For both blocks, the 7 least significant program address bits
select the byte within the sector. The remainder of the pro-
gram address bits select the sector within the block.
FIGURE
3-1: PROGRAM MEMORY ORGANIZATION FOR SST89E564 AND SST89V564
384 ILL F48.5
External
64 KByte
EA# = 0
FFFFH
0000H
64 KByte
Block 0
EA# = 1
SFCF[1:0] = 01, 10, 11
FFFFH
0000H
56 KByte
Block 0
8 KByte
Block 1
EA# = 1
SFCF[1:0] = 00
FFFFH
2000H
0000H
1FFFH


유사한 부품 번호 - SST89V554-25-C-TQJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89V554RC SST-SST89V554RC Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89V554RC SST-SST89V554RC Datasheet
962Kb / 90P
   FlashFlex MCU
SST89V554RC SST-SST89V554RC Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89V554RC-25-C-NI SST-SST89V554RC-25-C-NI Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89V554RC-25-C-NJ SST-SST89V554RC-25-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
More results

유사한 설명 - SST89V554-25-C-TQJ

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com