전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29EE010-70-4I-PH 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST29EE010-70-4I-PH
상세설명  1 Mbit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-70-4I-PH 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST29EE010-70-4I-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29EE010-70-4I-PH Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
1 Mbit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
11
©2001 Silicon Storage Technology, Inc.
S71061-07-000
6/01
304
TABLE 13: PAGE-WRITE CYCLE TIMING PARAMETERS
Symbol
Parameter
SST29EE010
SST29LE/VE010
Units
Min
Max
Min
Max
TWC
Write Cycle (Erase and Program)
10
10
ms
TAS
Address Setup Time
0
0
ns
TAH
Address Hold Time
50
70
ns
TCS
WE# and CE# Setup Time
0
0
ns
TCH
WE# and CE# Hold Time
0
0
ns
TOES
OE# High Setup Time
0
0
ns
TOEH
OE# High Hold Time
0
0
ns
TCP
CE# Pulse Width
70
120
ns
TWP
WE# Pulse Width
70
120
ns
TDS
Data Setup Time
35
50
ns
TDH1
Data Hold Time
0
0
ns
TBLC1
Byte Load Cycle Time
0.05
100
0.05
100
µs
TBLCO1
Byte Load Cycle Time
200
200
µs
TIDA1
Software ID Access and Exit Time
10
10
µs
TSCE
Software Chip-Erase
20
20
ms
T13.5 304
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.


유사한 부품 번호 - SST29EE010-70-4I-PH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010-70-4I-EH SST-SST29EE010-70-4I-EH Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29EE010-70-4I-EHE SST-SST29EE010-70-4I-EHE Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29EE010-70-4I-NH SST-SST29EE010-70-4I-NH Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29EE010-70-4I-NHE SST-SST29EE010-70-4I-NHE Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29EE010-70-4I-WH SST-SST29EE010-70-4I-WH Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
More results

유사한 설명 - SST29EE010-70-4I-PH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com