전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1498M 데이터시트(PDF) 11 Page - Sony Corporation

부품명 CXA1498M
상세설명  Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1498M 데이터시트(HTML) 11 Page - Sony Corporation

Back Button CXA1498M Datasheet HTML 5Page - Sony Corporation CXA1498M Datasheet HTML 6Page - Sony Corporation CXA1498M Datasheet HTML 7Page - Sony Corporation CXA1498M Datasheet HTML 8Page - Sony Corporation CXA1498M Datasheet HTML 9Page - Sony Corporation CXA1498M Datasheet HTML 10Page - Sony Corporation CXA1498M Datasheet HTML 11Page - Sony Corporation CXA1498M Datasheet HTML 12Page - Sony Corporation CXA1498M Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
– 11 –
CXA1498S/M
Recording equalizer vs. Frequency characteristics (Normal speed)
FREQ [kHz]
0.125
1.0
10
50
–5
0
5
10
15
20
25
METAL-NS
CrO2-NS
NORM-NS
0dB = NORM-NS mode
315Hz, –25dBm at Rec Out
Recording equalizer vs. Frequency characteristics (Double speed)
FREQ [kHz]
0.125
1.0
10
50
–5
0
5
10
15
20
25
METAL-HS
CrO2-HS
NORM-HS
0dB = NORM-NS mode
315Hz, –25dBm at Rec Out
Playback equalizer vs. Frequency characteristics
FREQ [kHz]
0.050 0.1
10
20
20
5
dB/
60
1.0
120µs-NS
120µs-HS
70µs-NS
70µs-HS


유사한 부품 번호 - CXA1498M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1495M SONY-CXA1495M Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results

유사한 설명 - CXA1498M

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
logo
Sanyo Semicon Device
LA4165M SANYO-LA4165M Datasheet
409Kb / 16P
   Recording/Playback IC for Micro-Cassette Tape Recorder
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com