전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT373-Q100 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HCT373-Q100
상세설명  Octal D-type transparent latch; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT373-Q100 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT373-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HCT373-Q100 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74HC_HCT373_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 10 August 2012
9 of 24
NXP Semiconductors
74HC373-Q100; 74HCT373-Q100
Octal D-type transparent latch; 3-state
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 6.0 A; VCC =4.5 V
3.84
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =6.0 mA; VCC =4.5 V
-
-
0.33
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
A
IOZ
OFF-state output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND per input pin;
other inputs at VCC or GND; IO =0 A
--
5.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
80
A
I
CC
additional supply current
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
Dn
-
-
135
A
LE
-
-
675
A
OE
--
450
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 6.0 mA; VCC = 4.5 V
3.7
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =6.0 mA; VCC =4.5 V
-
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
A
IOZ
OFF-state output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND per input pin;
other inputs at VCC or GND; IO =0 A
--
10
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
160
A
I
CC
additional supply current
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
Dn
-
-
147
A
LE
-
-
735
A
OE
--
490
A
Table 7.
Static characteristics 74HCT373-Q100 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74HCT373-Q100

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT373-Q100 NEXPERIA-74HCT373-Q100 Datasheet
277Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 22 July 2020
More results

유사한 설명 - 74HCT373-Q100

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com