전자부품 데이터시트 검색엔진 |
|
SN74ALS758D 데이터시트(PDF) 2 Page - Texas Instruments |
|
SN74ALS758D 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 6 page SN74ALS758 QUADRUPLE BUS TRANSCEIVER WITH OPENCOLLECTOR OUTPUTS SDAS078B − DECEMBER 1983 − REVISED JANUARY 1995 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI: All inputs and I/O ports 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VOH High-level output voltage 5.5 V IOL Low-level output current 24 mA TA Operating free-air temperature 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = − 18 mA − 1.2 V IOH VCC = 4.5 V, VOH = 5.5 V 0.1 mA VOL VCC = 4.5 V IOL = 12 mA 0.25 0.4 V VOL VCC = 4.5 V IOL = 24 mA 0.35 0.5 V II Control inputs VCC = 5.5 V VI = 7 V 0.1 mA II A or B ports VCC = 5.5 V VI = 5.5 V 0.1 mA IIH Control inputs VCC = 5.5 V, VI = 2.7 V 20 A IIH A or B ports§ VCC = 5.5 V, VI = 2.7 V 20 µA IIL Control inputs VCC = 5.5 V, VI = 0.4 V − 0.1 mA IIL A or B ports§ VCC = 5.5 V, VI = 0.4 V − 0.1 mA ICC VCC = 5.5 V Outputs high 6 10 mA ICC VCC = 5.5 V Outputs low 10 16 mA ‡ All typical values are at VCC = 5 V, TA = 25°C. § For I/O ports, the parameters IIH and IIL include the off-state output current. |
유사한 부품 번호 - SN74ALS758D |
|
유사한 설명 - SN74ALS758D |