전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1691BM 데이터시트(PDF) 5 Page - Sony Corporation

부품명 CXA1691BM
상세설명  FM/AM Radio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1691BM 데이터시트(HTML) 5 Page - Sony Corporation

  CXA1691BM Datasheet HTML 1Page - Sony Corporation CXA1691BM Datasheet HTML 2Page - Sony Corporation CXA1691BM Datasheet HTML 3Page - Sony Corporation CXA1691BM Datasheet HTML 4Page - Sony Corporation CXA1691BM Datasheet HTML 5Page - Sony Corporation CXA1691BM Datasheet HTML 6Page - Sony Corporation CXA1691BM Datasheet HTML 7Page - Sony Corporation CXA1691BM Datasheet HTML 8Page - Sony Corporation CXA1691BM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
—5—
CXA1691BM/BS
Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
19 (20)
20 (21)
21 (22)
22 (23)
23 (24)
24 (25)
25 (26)
26 (27)
28
(29, 30)
METER
GND
AFC/AGC
AFC/AGC
DET OUT
AF IN
RIPPLE
FILTER
VCC
GND
1.6 1.6 4.5 4.5
0000
1.25 1.49 1.25 1.49
1.25 1.25 1.25 1.25
1.25 1.0 1.25 1.0
0000
2.71 2.71 5.4 5.4
3.0 3.0 6.0 6.0
0000
GND
19
×3
N
1.25V
22
21
23
33k 39k
GND
24
11k
×4
×4
82k
GND
25
17k
73k
90k
VCC
Meter drive circuit
(For tuning indicator)
AFC pin of W band.
During AM, it determines
time constant of AGC
AFC pin of J band.
During AM, it determines
time constant of AGC.
Detection output pin
Power amplifier input pin
Ripple filter
Power supply pin
Power GND
∗ The pin voltage of pin 6 during AM, it is the same pin voltage of pin 22 (23) during J BAND and is the same
pin voltage of pin 21 (22) during W BAND.


유사한 부품 번호 - CXA1691BM

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691AS SONY-CXA1691AS Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
   FM/AM RADIO CIRCUIT
logo
Sony Corporation
CXA1691S SONY-CXA1691S Datasheet
290Kb / 13P
   FM/AM RADIO
More results

유사한 설명 - CXA1691BM

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
   FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
   FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
   FM/AM Radio
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619BM SONY-CXA1619BM Datasheet
198Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com