전자부품 데이터시트 검색엔진 |
|
SN74ALVC16901 데이터시트(PDF) 4 Page - Texas Instruments |
|
SN74ALVC16901 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 9 page SN74ALVC16901 18BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS SCAS276A − NOVEMBER 1993 − REVISED JULY 1995 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (except I/O ports) (see Note 1) −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (I/O ports) (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 or VO > VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum power dissipation at TA = 55°C (in still air) (see Note 3) 1 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation is calculated using a junction temperature of 150 °C and a board trace length of 750 mils. For more information, refer to the Package Thermal Considerations application note in the 1994 ABT Advanced BiCMOS Technology Data Book, literature number SCBD002B. recommended operating conditions (see Note 4) MIN MAX UNIT VCC Supply voltage 2.3 3.6 V VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VIH High-level input voltage VCC = 2.7 V to 3.6 V 2 V VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VIL Low-level input voltage VCC = 2.7 V to 3.6 V 0.8 V VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 2.3 V −12 IOH High-level output current VCC = 2.7 V −12 mA IOH High-level output current VCC = 3 V −24 mA VCC = 2.3 V 12 IOL Low-level output current VCC = 2.7 V 12 mA IOL Low-level output current VCC = 3 V 24 mA ∆t/∆v Input transition rise or fall rate 0 10 ns / V TA Operating free-air temperature −40 85 °C NOTE 4: Unused control inputs must be held high or low to prevent them from floating. |
유사한 부품 번호 - SN74ALVC16901 |
|
유사한 설명 - SN74ALVC16901 |