전자부품 데이터시트 검색엔진 |
|
SD103ATW 데이터시트(PDF) 2 Page - Formosa MS |
|
SD103ATW 데이터시트(HTML) 2 Page - Formosa MS |
2 / 7 page Package outline Page 2 Formosa MS 175mA Schottky Diode Array-40V Surface Mount Small Signal Features Fast switching. mall surface mount type. Up to 175mA current capability. Low forward voltage drop (VF = 0.5V typ. @100mA) Silicon epitaxial planar chip, metal silicon junction. Lead-free parts for green partner, exceeds environmental standards of MIL-STD-19500 /228 High speed ( trr <10 ns ) Suffix "-H" indicates Halogen-free part, ex.SD103ATW-H. • • S • • • • • • Forward voltage I = 20 mA F V = 10 V R V F I R 0.370 0.500 V µA PARAMETER Repetitive peak reverse voltage Reverse voltage Forward surge current Average rectified current Junction temperature Storage temperature CONDITIONS Symbol V RRM I O I FM T J T STG MIN. -65 TYP. 175 MAX. 40 30 1000 +125 UNIT V mA mA oC oC Forward continuous current V R I FSM mA V 350 tp<1s I = 100 mA F V = 0 V, f = 1MHz R I = 200 mA, I = 0.1 X I , R =100Ω F RR R L Reverse current Diode capacitance Reverse recovery time V F C T trr V pF ns 2.0 50.0 10 -55 +125 http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 Mechanical data • • Case : • Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 • Mounting Position : Any • Weight : Approximated 0.006 gram Epoxy:UL94-V0 rated flame retardant Molded plastic, SOT-363 Thermal Resistance RθJA 500 OC/W Power dissipation P D 200 mW SD103ATW V = 30 V R I R µA 5.0 Document ID Issued Date Revised Date Revision Page. Small Signal Schottky Diode Array Maximum ratings and Electrical Characteristics (AT T =25 A oC unless otherwise noted) DS-22163Q 2009/08/10 2010/03/10 B 7 Junction to ambient ,Note 1 Note 1. Device mounted on FR-4 PCB, 1 inch x0.85 inchx 0.062 inch. SOT-363 .087(2.20) .079(2.00) .018(0.46) .010(0.26) .053(1.35) .045(1.15) .010(0.25) .003(0.08) .026(0.65)Typ. .014(0.35) .006(0.15) .004(0.10) Max. .043(1.10) .035(0.90) .016(0.40) .012(0.30) Dimensions in inches and (millimeters) |
유사한 부품 번호 - SD103ATW_10 |
|
유사한 설명 - SD103ATW_10 |