전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1720Q 데이터시트(PDF) 9 Page - Sony Corporation

부품명 CXA1720Q
상세설명  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1720Q 데이터시트(HTML) 9 Page - Sony Corporation

Back Button CXA1720Q Datasheet HTML 5Page - Sony Corporation CXA1720Q Datasheet HTML 6Page - Sony Corporation CXA1720Q Datasheet HTML 7Page - Sony Corporation CXA1720Q Datasheet HTML 8Page - Sony Corporation CXA1720Q Datasheet HTML 9Page - Sony Corporation CXA1720Q Datasheet HTML 10Page - Sony Corporation CXA1720Q Datasheet HTML 11Page - Sony Corporation CXA1720Q Datasheet HTML 12Page - Sony Corporation CXA1720Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
—9—
CXA1720Q
Fig. 1 Monostable multivibrator Nos. 1 and 2 pulse width precision and peak shift measurement conditions
• Monostable multivibrator No. 1 pulse width precision
When HD = high:
ETM1 =
(
T1
–1
) × 100 (%)
2.45 µS
When HD is low:
ETM1' =
(
T1
–1
) × 100 (%)
1.25 µS
• Monostable multivibrator No. 2 pulse width = T2
• Peak shift
PS =
1
TA–TB × 100 (%)
2
TA+TB
Comparator input
(Measurement points B and C)
Read data output
(Measurement point A)
T1
T2
TA
TB
1.4V


유사한 부품 번호 - CXA1720Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1726 SONY-CXA1726 Datasheet
192Kb / 10P
   Multiplier IC for Displays
CXA1726AM SONY-CXA1726AM Datasheet
192Kb / 10P
   Multiplier IC for Displays
CXA1726AS SONY-CXA1726AS Datasheet
192Kb / 10P
   Multiplier IC for Displays
More results

유사한 설명 - CXA1720Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com