전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1742Q 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXA1742Q
상세설명  IF Amplifier for Analog Cellular Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1742Q 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXA1742Q Datasheet HTML 2Page - Sony Corporation CXA1742Q Datasheet HTML 3Page - Sony Corporation CXA1742Q Datasheet HTML 4Page - Sony Corporation CXA1742Q Datasheet HTML 5Page - Sony Corporation CXA1742Q Datasheet HTML 6Page - Sony Corporation CXA1742Q Datasheet HTML 7Page - Sony Corporation CXA1742Q Datasheet HTML 8Page - Sony Corporation CXA1742Q Datasheet HTML 9Page - Sony Corporation CXA1742Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
—6—
CXA1742Q
18
AGCPS 0.233 V
19
XTALOUT
20
XTALIN
2.96 V
21
GND
0 V
22
IFIN
1.25 V
23
IFPS
1.25 V
24
VCC
3.0 V
25
GND
0 V
Connects an AGC
integrating capacitor.
Connect a crystal oscillator
to form a Colpitts-type
oscillator circuit.
When
an
external
oscillator is used, its signal
must be connected to Pin
20.
Ground.
RF amplifier input. The
relationship between IFIN
(Pin 22) and IFPS (Pin 23)
is designed so that the IC
internal stray capacitance
is small.
Therefore, if Pins 22 and
23 are used for balance
input, the common-mode
rejection deteriorates.
Power supply.
Supplies current to the RF
AMP, MIXER, OSC, and
1/2 DIVIDER circuits.
Ground.
Pin No.
Symbol
Pin voltage
I/O
Equivalent circuit
Description
DC
AC
resistance
24
21
10k
19
15p
25
20
147
10k
33
15
34
VREF
18
24
25
21
VREF
23
22
1.5k
1.5k


유사한 부품 번호 - CXA1742Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1741Q SONY-CXA1741Q Datasheet
403Kb / 21P
   IF Amplifier for Analog Cellular Communications
CXA1744AR SONY-CXA1744AR Datasheet
340Kb / 18P
   IF Amplifier for Digital Cordless Telephone
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
More results

유사한 설명 - CXA1742Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1741Q SONY-CXA1741Q Datasheet
403Kb / 21P
   IF Amplifier for Analog Cellular Communications
logo
Rohm
BH4138FV ROHM-BH4138FV Datasheet
127Kb / 10P
   2nd mixer and IF amplifier IC for digital cellular
logo
Epson ToYoCom
TQS-472BA-7R EPSONTOYOCOM-TQS-472BA-7R Datasheet
341Kb / 2P
   SAW FILTER FOR CELLULAR / IF
TQS-477AA-7R EPSONTOYOCOM-TQS-477AA-7R Datasheet
347Kb / 2P
   SAW FILTER FOR CELLULAR / IF
logo
Sony Corporation
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
logo
NEC
UPC8001 NEC-UPC8001 Datasheet
130Kb / 22P
   IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
   Second Mixer IF for digital cellular phones
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com