전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1782 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1782
상세설명  RF Signal Processing Servo Amplifier for CD players
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1782 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1782 Datasheet HTML 1Page - Sony Corporation CXA1782 Datasheet HTML 2Page - Sony Corporation CXA1782 Datasheet HTML 3Page - Sony Corporation CXA1782 Datasheet HTML 4Page - Sony Corporation CXA1782 Datasheet HTML 5Page - Sony Corporation CXA1782 Datasheet HTML 6Page - Sony Corporation CXA1782 Datasheet HTML 7Page - Sony Corporation CXA1782 Datasheet HTML 8Page - Sony Corporation CXA1782 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
– 1 –
CXA1782CQ/CR
E95908C78
RF Signal Processing Servo Amplifier for CD players
Description
The CXA1782CQ/CR is a bipolar IC with built-in
RF signal processing and various servo ICs. A CD
player servo can be configured by using this IC,
DSP and driver.
Features
• Low operating voltage (VCC – VEE = 3.0 to 11.0V)
• Low power consumption (39mW, VCC = 3.0V)
• Supports pickup of either current output, voltage
output
• Automatic adjustment comparator for tracking
balance gain
• Single power supply and positive/negative dual
power supplies
Applications
• RF I-V amplifier, RF amplifier
• Focus and tracking error amplifier
• APC circuit
• Mirror detection circuit
• Defect detection and prevention circuits
• Focus servo control
• Tracking servo control
• Sled servo control
• Comparators of tracking adjustment for balance
and gain
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
12
V
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
833 (CXA1782CQ) mW
457 (CXA1782CR)
mW
Recommended Operating Condition
Operating supply voltage
VCC – VEE 3.0 to 11.0
V
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1782CQ
48 pin QFP (Plastic)
CXA1782CR
48 pin LQFP (Plastic)
For the availability of this product, please contact the sales office.


유사한 부품 번호 - CXA1782

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
More results

유사한 설명 - CXA1782

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
logo
Panasonic Semiconductor
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662740RE PANASONIC-MN662740RE Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com