전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1786N 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1786N
상세설명  1.1GHz-band PLL IC for Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1786N 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1786N Datasheet HTML 1Page - Sony Corporation CXA1786N Datasheet HTML 2Page - Sony Corporation CXA1786N Datasheet HTML 3Page - Sony Corporation CXA1786N Datasheet HTML 4Page - Sony Corporation CXA1786N Datasheet HTML 5Page - Sony Corporation CXA1786N Datasheet HTML 6Page - Sony Corporation CXA1786N Datasheet HTML 7Page - Sony Corporation CXA1786N Datasheet HTML 8Page - Sony Corporation CXA1786N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.1GHz-band PLL IC for Mobile Communications
Descriptions
The CXA1786N is a frequency synthesizer PLL IC
developed for use in mobile communication systems.
This IC has low current consumption, small package
and is suitable for portable sets of cellular telephone
and others.
Features
• Low current consumption
Icc = 6.0mA (typ.)
0.3mA (typ.) in power saving mode
• Maximum operating frequency
1.1GHz guaranteed
• Operating supply voltage range
2.7 to 5.5V
• Ultra small 20-pin SSOP package
• Two types of phase comparator output:
For external charge pump
φR
φP
Two internal charge pumps
DO1DO2
Applications
1.1GHz-band mobile communication equipment
such as cellular telephones
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
Vcc
7
V
• Operating temperature Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
300
mW
Operating Condition
Supply voltage
Vcc
2.7 to 5.5
V
– 1 –
E93929A8Y
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1786N
Reference Programmable
Counter 14bits
Charge
Pump 2
Phase
Comparator
OSCI
NC
OSCO
Vp
VCC
DO1
GND
LD
NC
FIN
φR
NC
φP
TEST
DO2
FC
LAT
DATA
PS
CK
2
5
7
8
9
12
15
17
18
19
1
Charge
Pump 1
Pulse Swallow
Counter 7bits
Programmable
Counter 11bits
2-modulus
prescaler
64/65
1
128/129
1
or
14-bit Latch
1-bit Latch
1-bit Shift
Resister
18-bit Latch
4
6
10
11
13
14
Pulse swallow programmable counter
20
16
18-bit Shift Resister
3
20 pin SSOP (Plastic)
Block Diagram and Pin Configuration
For the availability of this product, please contact the sales office.


유사한 부품 번호 - CXA1786N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

유사한 설명 - CXA1786N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
   1.1GHZ DUAL PLL
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
NX2520SG NDK-NX2520SG_15 Datasheet
295Kb / 1P
   For Mobile Communications
NX2016SF_18 NDK-NX2016SF_18_03 Datasheet
785Kb / 1P
   For Mobile Communications
NX2016SF NDK-NX2016SF Datasheet
369Kb / 1P
   For Mobile Communications
NX1612SB NDK-NX1612SB_17 Datasheet
755Kb / 1P
   For Mobile Communications
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com