전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1797 데이터시트(PDF) 11 Page - Sony Corporation

부품명 CXA1797
상세설명  Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1797 데이터시트(HTML) 11 Page - Sony Corporation

Back Button CXA1797 Datasheet HTML 7Page - Sony Corporation CXA1797 Datasheet HTML 8Page - Sony Corporation CXA1797 Datasheet HTML 9Page - Sony Corporation CXA1797 Datasheet HTML 10Page - Sony Corporation CXA1797 Datasheet HTML 11Page - Sony Corporation CXA1797 Datasheet HTML 12Page - Sony Corporation CXA1797 Datasheet HTML 13Page - Sony Corporation CXA1797 Datasheet HTML 14Page - Sony Corporation CXA1797 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
—11—
CXA1797Q
Pin
Symbol
Typical pin voltage
I/O
Z (in)
Equivalent circuit
Description
No.
DC
AC
Head select input
of playback
equalizer amplifier
Reference current
of recording
equalizer amplifier
Ground (center
capacitance when
using a single
power supply)
Reference current
VCT
147
VCC
VEE
147
VCC
VEE
VCC
VEE
147
VEE+1.25V
VCC
VEE
55
56
60
61
57
58
59
PB IN B2
PB IN A2
PB IN A1
PB IN B1
REC IREF
GND
DOLBY IREF
0.0V
VEE+
1.25V
0V
VEE+
1.25V
–21dBv
50k
I


유사한 부품 번호 - CXA1797

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1791 SONY-CXA1791 Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1791N SONY-CXA1791N Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1792 SONY-CXA1792 Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
More results

유사한 설명 - CXA1797

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com