전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1812Q 데이터시트(PDF) 2 Page - Sony Corporation

부품명 CXA1812Q
상세설명  S-terminal Compatible Video I/O
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1812Q 데이터시트(HTML) 2 Page - Sony Corporation

  CXA1812Q Datasheet HTML 1Page - Sony Corporation CXA1812Q Datasheet HTML 2Page - Sony Corporation CXA1812Q Datasheet HTML 3Page - Sony Corporation CXA1812Q Datasheet HTML 4Page - Sony Corporation CXA1812Q Datasheet HTML 5Page - Sony Corporation CXA1812Q Datasheet HTML 6Page - Sony Corporation CXA1812Q Datasheet HTML 7Page - Sony Corporation CXA1812Q Datasheet HTML 8Page - Sony Corporation CXA1812Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
—2—
CXA1812Q
Block Diagram and Pin Configuration
23
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
25
30
31
32
26
27
28
29
BUFF
DDS1
MUTE1
MUTE2
MUTE3
CLAMP
CLAMP
CLAMP
CLAMP
DDS2
DRIV
YIN2
GND
CIN1
CIN2
Y/VSEL
YOUTGND
YOUT
YINVIN
VOB
COUT1
VCC
YIN
P.SAVE
EVFYIN
SEL1
YOUTVCC


유사한 부품 번호 - CXA1812Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
More results

유사한 설명 - CXA1812Q

제조업체부품명데이터시트상세설명
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
   NPN S I L I C O N T R A N S I S T O R
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
   Digital I/O Terminal for USB2.0
logo
NHP Electrical Engineer...
1734-VTM NHP-1734-VTM Datasheet
430Kb / 1P
   POINT I/O VOLTAGE TERMINAL MODULE
7 June 2023,
logo
List of Unclassifed Man...
HSL-TB32-M-DIN ETC2-HSL-TB32-M-DIN Datasheet
218Kb / 1P
   32-CH I/O Terminal Base
logo
New Jersey Semi-Conduct...
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
   SI RECTIFIER, I(O)/I(F) S 100MA
logo
E-Tech Electronics LTD
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com