전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1814N 데이터시트(PDF) 9 Page - Sony Corporation

부품명 CXA1814N
상세설명  8 mm VCR ATF
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1814N 데이터시트(HTML) 9 Page - Sony Corporation

Back Button CXA1814N Datasheet HTML 5Page - Sony Corporation CXA1814N Datasheet HTML 6Page - Sony Corporation CXA1814N Datasheet HTML 7Page - Sony Corporation CXA1814N Datasheet HTML 8Page - Sony Corporation CXA1814N Datasheet HTML 9Page - Sony Corporation CXA1814N Datasheet HTML 10Page - Sony Corporation CXA1814N Datasheet HTML 11Page - Sony Corporation CXA1814N Datasheet HTML 12Page - Sony Corporation CXA1814N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
– 9 –
CXA1814N
Electrical Characteristics
(DC characteristics 1)
(Unless otherwise specified, Ta = 25 °C, VCC = 3.15 V)
Playback mode supply
current
Recording mode supply
current
Power mode supply current
Reference voltage
Power supply fluctuation
characteristics
REF PILOT input resistance
FH detection offset voltage
Error output voltage
Subtracter output voltage
Error “High” level voltage
Error “Low” level voltage
LPF 2 linearity
CLOCK IN input resistance
Item
Symbol
Conditions
Rating values
Unit
Remarks
Min.
Typ.
Max.
ICC1
ICC2
ICC3
Vref
D Vr1
D Vr2
Rpi
D Ver1
D Ver2
Vsub0
Vsub1
Vsub2
Vsub3
Vsub4
Vsub5
Vsub6
Vsub7
Vsub8
Vher1
Vher2
Vler1
Rlpf2
Rck
14 = H 15 = H 17 = L
14 = H 15 = L 17 = L
14 = L 15 = H 17 = L
14 = L 15 = L 17 = L
14 = L 15 = L 17 = H
14 = H 15 = L 17 = H
14 = L 15 = H 17 = H
14 =H 15 = H 17 = H
VCC = 3.15 V, entire operating temperature range
VCC = 3.0 V, Vref fluctuation range
VCC = 4.0 V, Vref fluctuation range
REFPILOT Vin/Iin
FHIN and 3FHIN = AC GND, difference between Vref and 3FH-FH
FHIN and 3FHIN = AC GND, difference between Vref and ATFError
FHIN: 16.46 kHz, 20 mVp-p
3FHIN: 46.20 kHz, 20 mVp-p
3FH-FH pin voltage
FHIN: 16.46 kHz, 60 mVp-p
3FHIN: 46.20 kHz, 20 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 20 mVp-p
3FHIN: 46.20 kHz, 60 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 400 mVp-p
3FHIN: 46.20 kHz, 20 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 20 mVp-p
3FHIN: 46.20 kHz, 400 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 1000 mVp-p
3FHIN: 46.20 kHz, 20 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 20 mVp-p
3FHIN: 46.20 kHz, 1000 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 440 mVp-p
3FHIN: 46.20 kHz, 400 mVp-p
3FH-FH pin voltage, Vsub0 reference
FHIN: 16.46 kHz, 400 mVp-p
3FHIN: 46.20 kHz, 440 mVp-p
3FH-FH pin voltage, Vsub0 reference
NF = Vref –20 mV ATF Error Ioer = 10 µA
NF = Vref –20 mV ATF Error Ioer = 10 µA VCC = 3 V
NF = Vref +20 mV ATF Error Ioer = –10 µA
REFPILOT = 100 kHz, 0.4orl Vp-p in
RPPBMODE = H
PILOTACT = H
RECPILOT voltage ratio
CLOCKIN Vin/Iin
1.545
–80
–445
100
–40
–200
1.505
–60
20
–430
310
–1060
800
–60
20
2.95
2.8
0.95
80
7
6
3.5
3.5
1
1
1
1
1.575
–75
137
0
0
1.575
–40
40
–370
370
–930
930
–40
40
3.05
2.9
0.1
0.99
150
10
9
5
5
2
2
2
2
1.605
–70
–405
180
40
200
1.645
–20
60
–310
430
–800
1060
–20
60
0.2
1.05
mA
V
mV
k
mV
V
mV
V
k


유사한 부품 번호 - CXA1814N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

유사한 설명 - CXA1814N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1481AQ SONY-CXA1481AQ Datasheet
496Kb / 20P
   8 mm VCR ATF
CXA1203M SONY-CXA1203M Datasheet
579Kb / 26P
   8 mm VCR PAL JOG
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
   8 mm VCR AFM SIGNAL PROCESSOR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
   AFM Stereo Signal Processor for 8 mm VCR
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
   Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com