전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI51210-AXXXFMR 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI51210-AXXXFMR
상세설명  TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI51210-AXXXFMR 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI51210-AXXXFMR Datasheet HTML 4Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 5Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 6Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 7Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 8Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 9Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 10Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 11Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Si51210
8
Preliminary Rev. 0.7
4. Pin Descriptions: 6-Pin TDFN
Table 5. Si51210 6-Pin Descriptions
Pin #
Name
Type
Description
1
VDD
PWR 2.5 to 3.3 V power supply.
2
XIN/CLKIN
I
External crystal and clock input.
3
XOUT
O
Crystal output. Leave this pin unconnected (floating) if an external clock
input is used.
4
SSCLK1/REFCLK/
FSEL/SSEL/SSON/
OE2
I/O
Programmable SSCLK1 or REFCLK output or MultiFunction control
input. The frequency at this pin is synthesized by internal PLL if pro-
grammed as SSCLK1 with or without spread. If programmed as REF-
CLK, output clock is buffered output of crystal or reference clock input. If
programmed as MultiFunction control input, it can be OE, FSEL, SSEL
and SSON.
5
SSCLK2/REFCLK_D/
OE1/FSEL/SSEL/
SSON/PD
I/O
Programmable SSCLK2 or REFCLK_D output or MultiFunction control
input. The frequency at this pin is synthesized by internal PLL if pro-
grammed as SSCLK2 with or without spread. If programmed as
REFCLK_D, output clock is buffered output of crystal or reference clock
input divided by 2 to 32. If programmed as MultiFunction control input, it
can be OE, PD, FSEL, SSEL and SSON.
6
VSS
GND Ground.
6
5
4
1
2
3
VSS
SSCLK2/REFCLK_D
FSEL/SSEL/
SSON/PD/OE1
SSCLK1/REFCLK
FSEL/SSEL/
SSON/OE2
VDD
XOUT
XIN/CLKIN
Si51210


유사한 부품 번호 - SI51210-AXXXFMR

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI51210-BXXXXX-GM SKYWORKS-SI51210-BXXXXX-GM Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210-BXXXXX-GM SKYWORKS-SI51210-BXXXXX-GM Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210-BXXXXX-GMR SKYWORKS-SI51210-BXXXXX-GMR Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210-BXXXXX-GMR SKYWORKS-SI51210-BXXXXX-GMR Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
More results

유사한 설명 - SI51210-AXXXFMR

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI51218 SILABS-SI51218 Datasheet
1Mb / 13P
   THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Skyworks Solutions Inc.
SI51211 SKYWORKS-SI51211 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.0
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Skyworks Solutions Inc.
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
logo
Analog Devices
AD9575 AD-AD9575 Datasheet
316Kb / 16P
   Network Clock Generator, Two Outputs
REV. 0
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com