전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1846AM 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1846AM
상세설명  Electronic volume control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1846AM 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1846AM Datasheet HTML 2Page - Sony Corporation CXA1846AM Datasheet HTML 3Page - Sony Corporation CXA1846AM Datasheet HTML 4Page - Sony Corporation CXA1846AM Datasheet HTML 5Page - Sony Corporation CXA1846AM Datasheet HTML 6Page - Sony Corporation CXA1846AM Datasheet HTML 7Page - Sony Corporation CXA1846AM Datasheet HTML 8Page - Sony Corporation CXA1846AM Datasheet HTML 9Page - Sony Corporation CXA1846AM Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Package Outline
Unit : mm
CXA1846AM/AN
—10—
CXA1846AM
SONY CODE
EIAJ CODE
JEDEC CODE
SOP-20P-L01
SOP020-P-0300
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
COPPER ALLOY
SOLDER PLATING
EPOXY RESIN
0.3g
20PIN SOP (PLASTIC)
12.45 – 0.1
+ 0.4
20
11
0.45 ± 0.1
1.27
10
1
0.2 – 0.05
+ 0.1
0.1 – 0.05
+ 0.2
1.85 – 0.15
+ 0.4
0.15
0.24
M
CXA1846AN
20PIN SSOP (PLASTIC)
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER / PALLADIUM
42/COPPER ALLOY
0.1g
SSOP-20P-L01
SSOP020-P-0044
PLATING
0.1 ± 0.1
0° to 10°
DETAIL A
NOTE: Dimension “
∗” does not include mold protrusion.
b=0.22 – 0.05
+ 0.1
(0.22)
DETAIL B : SOLDER
DETAIL B : PALLADIUM
b=0.22 ± 0.03
∗6.5 ± 0.1
0.65
20
11
10
1
A
0.1
1.25 – 0.1
+ 0.2
0.13 M
b
NOTE : PALLADIUM PLATING
This product uses S-PdPPF (Sony Spec.-Palladium Pre-Plated Lead Frame).


유사한 부품 번호 - CXA1846AM

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
CXA1846N SONY-CXA1846N Datasheet
133Kb / 10P
   Electronic volume control
More results

유사한 설명 - CXA1846AM

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
   ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Toshiba Semiconductor
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
   ELECTRONIC VOLUME CONTROL IC
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
   3V Electronic Volume Control
logo
SHENZHEN FUMAN ELECTRON...
SC2256B FUMAN-SC2256B Datasheet
427Kb / 8P
   Electronic volume control circuit
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
   Two-Channel Electronic Volume Control
LC7534M SANYO-LC7534M Datasheet
438Kb / 5P
   3V-Operated Electronic Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com