전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1851 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1851
상세설명  Up/Down Converter for 900 MHz-Band Mobile Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1851 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1851 Datasheet HTML 1Page - Sony Corporation CXA1851 Datasheet HTML 2Page - Sony Corporation CXA1851 Datasheet HTML 3Page - Sony Corporation CXA1851 Datasheet HTML 4Page - Sony Corporation CXA1851 Datasheet HTML 5Page - Sony Corporation CXA1851 Datasheet HTML 6Page - Sony Corporation CXA1851 Datasheet HTML 7Page - Sony Corporation CXA1851 Datasheet HTML 8Page - Sony Corporation CXA1851 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
—1—
E93505-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25°C)
• Supply voltage
Vcc
5
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
530
mW
∗ When mounted on a 505×0×1.6 mm copper-
foiled glass epoxy board
Recommended Operating Conditions
Supply voltage
Vcc
2.7 to 4.5
V
Description
The CXA1851N is an up/down converter IC for
900 MHz-band mobile communications.
This is suitable for 900 MHz-band digital cordless
telephone (CT2) and digital cellular.
Features
• Transmission/reception converter on a single chip
• Operating frequency: 800 to 900 MHz
• Supply voltage: 2.7 to 4.5 V
• Power saving function
• 20-pin SSOP package used for set size reduction
Applications
• CT2 digital cordless telephone
• Digital cellular
Structure
Bipolar silicon monolithic IC
Up/Down Converter for 900 MHz-Band Mobile Communications
20 pin SSOP (Plastic)
CXA1851N
MIX
MIX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
20
19
Block Diagram and Pin Configuration
For the availability of this product, please contact the sales office.


유사한 부품 번호 - CXA1851

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

유사한 설명 - CXA1851

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
   SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
   900 MHz SILICON MMIC DOWN CONVERTER
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
   900 MHz SILICON RFIC DOWN CONVERTER
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
   1.1GHz-band PLL IC for Mobile Communications
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
   2GHz-band PLL IC for Mobile Communications
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
   For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
   For Mobile Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com