전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1853Q 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1853Q
상세설명  RGB Driver for LCD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1853Q 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1853Q Datasheet HTML 6Page - Sony Corporation CXA1853Q Datasheet HTML 7Page - Sony Corporation CXA1853Q Datasheet HTML 8Page - Sony Corporation CXA1853Q Datasheet HTML 9Page - Sony Corporation CXA1853Q Datasheet HTML 10Page - Sony Corporation CXA1853Q Datasheet HTML 11Page - Sony Corporation CXA1853Q Datasheet HTML 12Page - Sony Corporation CXA1853Q Datasheet HTML 13Page - Sony Corporation CXA1853Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
– 10 –
CXA1853Q
72
R GAM
GAIN 2
R signal white side voltage
gain control. Preset internally
to 3.3V.
VCC1
GND
80k
80k
37k
200
40µA
40µA
40µA
1k
72
73
VCC1
GND
200
37k
200
40µA
40µA
40µA
1k
74
VCC1
GND
80k
80k
74k
200
20µA
40µA
20µA
3k
75
76
77
VCC1
GND
200
37k
200
40µA
40µA
40µA
1k
78
79
VCC1
GND
80k
80k
74k
200
20µA
40µA
20µA
3k
1.6 to 5.0V∗
73
B GAM
GAIN 2
B signal white side voltage
gain control. Preset internally
to 3.3V.
1.6 to 5.0V∗
74
RGB GAM
CTR 2
RGB signal common white
side voltage gain change
point control.
1.6 to 5.0V∗
77
RGB GAM
CTR 1
RGB signal common black
side voltage gain change
point control.
1.6 to 5.0V∗
75
R GAM
CTR 2
R signal white side voltage
gain change point control.
Preset internally to 3.3V.
1.6 to 5.0V∗
76
B GAM
CTR 2
B signal white side voltage
gain change point control.
Preset internally to 3.3V.
1.6 to 5.0V∗
78
R GAM
CTR 1
R signal black side voltage
gain change point control.
Preset internally to 3.3V.
1.6 to 5.0V∗
79
B GAM
CTR 1
B signal black side voltage
gain change point control.
Preset internally to 3.3V.
1.6 to 5.0V∗
Note) ∗ in the Pin voltage indicates external applied voltage.
Pin
NO.
Symbol
Pin voltage
Equivalent circuit
Description


유사한 부품 번호 - CXA1853Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
More results

유사한 설명 - CXA1853Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
   RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com