전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1870S 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXA1870S
상세설명  Color TV Y/C/Jungle
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1870S 데이터시트(HTML) 4 Page - Sony Corporation

  CXA1870S Datasheet HTML 1Page - Sony Corporation CXA1870S Datasheet HTML 2Page - Sony Corporation CXA1870S Datasheet HTML 3Page - Sony Corporation CXA1870S Datasheet HTML 4Page - Sony Corporation CXA1870S Datasheet HTML 5Page - Sony Corporation CXA1870S Datasheet HTML 6Page - Sony Corporation CXA1870S Datasheet HTML 7Page - Sony Corporation CXA1870S Datasheet HTML 8Page - Sony Corporation CXA1870S Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
—4—
CXA1870S
Pin Description
Pin
No.
1
2
3
4
22
5
Symbol
X'TAL
APC
VCC
V1 IN
V2 IN
V HOLD
Pin
voltage
2.6 V
5 V
9 V
2 V
0.7 V
Description
Connect a 3.58 MHz crystal
oscillator.
APC lag-lead filter CR connection
pin.
Power supply pin.
Video switch input pins. Sync tip
clamping is performed, so input
via capacitors.
Peak hold pin for V sync
separation. Connect a capacitor.
500
4k
1
VCC
1.2k
25k
1.2k
2
VCC
VCC
150
1k
55k
50k
5
VCC
150
4
22
VCC
Equivalent circuit


유사한 부품 번호 - CXA1870S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1875 SONY-CXA1875 Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AM SONY-CXA1875AM Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results

유사한 설명 - CXA1870S

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1465AS SONY-CXA1465AS Datasheet
892Kb / 37P
   Color TV Y/C/Jungle/RGB Interface/Deflection Compensation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
logo
List of Unclassifed Man...
L19A11W ETC1-L19A11W Datasheet
2Mb / 44P
   COLOR TV
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
logo
Sony Corporation
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com