전자부품 데이터시트 검색엔진 |
|
ST280S 데이터시트(PDF) 6 Page - Vishay Siliconix |
|
ST280S 데이터시트(HTML) 6 Page - Vishay Siliconix |
6 / 8 page www.vishay.com For technical questions, contact: ind-modules@vishay.com Document Number: 94402 6 Revision: 11-Aug-08 ST280SPbF Series Vishay High Power Products Phase Control Thyristors (Stud Version), 280 A Fig. 9 - Gate Characteristics ORDERING INFORMATION TABLE 0.1 1 10 100 0.001 0.01 0.1 1 10 100 VGD IGD (b) (a) (1) (2) (3) InstantaneousGate Current (A) Rec tangular gate pulse a) Recommended load line for b) Recommended load line for <=30%rated di/ dt : 10V, 10ohms Frequenc y Limited by PG(AV) rated di/ dt : 20V, 10ohms; tr<=1 µs tr<=1 µs (1) PGM = 10W, tp = 4ms (2) PGM = 20W, tp = 2ms (3) PGM = 40W, tp = 1ms (4) PGM = 60W, tp = 0.66ms Device: ST280SSeries (4) 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 9 - Lead (Pb)-free - S = Compression bonding stud 5 - Voltage code x 100 = VRRM (see Voltage Ratings table) 6 - P = Stud base 3/4"-16UNF-2A threads 7 - 0 = Eyelet terminals (gate and auxiliary cathode leads) 1 = Fast-on terminals (gate and auxiliary cathode leads) 8 - V = Glass-metal seal Note: For metric device M16 x 1.5 contact factory Device code 5 1 3 24 67 8 9 ST 28 0 S 06 P 0 V PbF LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95077 |
유사한 부품 번호 - ST280S |
|
유사한 설명 - ST280S |