전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST330CLPBF 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 ST330CLPBF
상세설명  Phase Control Thyristors (Hockey PUK Version), 650 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST330CLPBF 데이터시트(HTML) 5 Page - Vishay Siliconix

  ST330CLPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST330CLPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94408
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 16-Oct-08
5
ST330CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 650 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
110
100
Numb er Of Eq ua l Amp litud e Half Cycle Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST330C..L Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
8500
9000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST330C..L Series
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
Instantaneous On-state Voltage (V)
100
1000
10000
0
123
456
7
ST330C..L Series
Tj = 25 °C
Tj = 125 °C
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST330C..L Series
Steady State Value
R
= 0.11 K/ W
(Single Side Cooled)
R
= 0.05 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs


유사한 부품 번호 - ST330CLPBF_12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST330CLPBF VISHAY-ST330CLPBF Datasheet
150Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 16-Oct-08
More results

유사한 설명 - ST330CLPBF_12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST300CPBF VISHAY-ST300CPBF Datasheet
169Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
VS-ST300CPB VISHAY-VS-ST300CPB Datasheet
238Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
VS-ST300C VISHAY-VS-ST300C_V01 Datasheet
238Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
01-Jan-2022
ST330CLPBF VISHAY-ST330CLPBF Datasheet
150Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 16-Oct-08
ST300CPBF VISHAY-ST300CPBF_12 Datasheet
187Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
VS-ST330CL VISHAY-VS-ST330CL_V01 Datasheet
209Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com