전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT16373A-EP 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABT16373A-EP
상세설명  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT16373A-EP 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74ABT16373A-EP Datasheet HTML 2Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 3Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 4Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 5Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 6Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 7Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 8Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 9Page - Texas Instruments SN74ABT16373A-EP Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.ti.com
Switching Characteristics
SN74ABT16373A-EP
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCBS810 – MARCH 2006
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25°C
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
1.4
3.7
5.3
1.4
6.5
D
Q
ns
tPHL
2
4
5.4
2
6.5
tPLH
1.7
4.1
5.7
1.7
7
LE
Q
ns
tPHL
2.3
4.3
5.6
2.3
6.3
tPZH
1.1
3.4
5
1.1
6.4
OE
Q
ns
tPZL
1.5
3.5
4.9
1.5
5.8
tPHZ
2.4
5.1
7.1
2.4
8.3
OE
Q
ns
tPLZ
1.6
4.4
6.3
1.6
8
6
Submit Documentation Feedback


유사한 부품 번호 - SN74ABT16373A-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT16373A TI-SN74ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT16373A TI-SN74ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT16373A TI-SN74ABT16373A Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT16373ADGG TI-SN74ABT16373ADGG Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT16373ADGGR TI-SN74ABT16373ADGGR Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT16373A-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com