전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT32318 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ABT32318
상세설명  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32318 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABT32318 Datasheet HTML 1Page - Texas Instruments SN74ABT32318 Datasheet HTML 2Page - Texas Instruments SN74ABT32318 Datasheet HTML 3Page - Texas Instruments SN74ABT32318 Datasheet HTML 4Page - Texas Instruments SN74ABT32318 Datasheet HTML 5Page - Texas Instruments SN74ABT32318 Datasheet HTML 6Page - Texas Instruments SN74ABT32318 Datasheet HTML 7Page - Texas Instruments SN74ABT32318 Datasheet HTML 8Page - Texas Instruments SN74ABT32318 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ABT32318, SN74ABT32318
18BIT TRIPORT UNIVERSAL BUS EXCHANGERS
SCBS180A − JUNE 1992 − REVISED JULY 1994
Copyright
1994, Texas Instruments Incorporated
5−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Members of the Texas Instruments
Widebus +
 Family
State-of-the-Art EPIC-ΙΙB BiCMOS Design
Significantly Reduces Power Dissipation
UBE  (Universal Bus Exchanger)
Combines D-Type Latches and D-Type
Flip-Flops for Operation in Transparent,
Latched, or Clocked Mode
Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
Typical V
OLP (Output Ground Bounce)
< 0.8 V at VCC = 5 V, TA = 25°C
Distributed V
CC and GND Pin Configuration
Minimizes High-Speed Switching Noise
High-Drive Outputs (−32-mA I
OH,
64-mA IOL)
Bus Hold Inputs Eliminate the Need for
External Pullup/Pulldown Resistors
Packaged in 80-Pin Plastic Thin Quad
Flat (PN) Package With 12
× 12-mm Body
Using 0.5-mm Lead Pitch
22 23
C8
C7
C6
GND
C5
C4
C3
C2
C1
VCC
GND
B18
B17
B16
B15
B14
GND
B13
B12
B11
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A2
A3
A4
GND
A5
A6
A7
A8
A9
VCC
GND
A10
A11
A12
A13
A14
GND
A15
A16
A17
25 26 27 28
SN74ABT32318 . . . PN PACKAGE
(TOP VIEW)
79 78 77 76 75
80
74
72 71 70
73
29 30 31 32 33
69 68
21
67 66 65 64
34 35 36 37 38 39 40
63 62 61
Widebus+, EPIC-
ΙΙB, and UBE are trademarks of Texas Instruments Incorporated.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


유사한 부품 번호 - SN74ABT32318

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABT32316PN TI1-SN74ABT32316PN Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

유사한 설명 - SN74ABT32318

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316_07 Datasheet
197Kb / 12P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com