전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT32543PZ 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74ABT32543PZ
상세설명  36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32543PZ 데이터시트(HTML) 6 Page - Texas Instruments

  SN74ABT32543PZ Datasheet HTML 1Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 2Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 3Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 4Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 5Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 6Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 7Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 8Page - Texas Instruments SN74ABT32543PZ Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54ABT32543, SN74ABT32543
36BIT REGISTERED BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS230B − JUNE 1992 − REVISED JULY 1994
5−6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT32543
SN74ABT32543
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1
3.5
5.2
1
6.3
1
5.9
ns
tPHL
A or B
B or A
1
3.5
5.1
1
5.9
1
5.7
ns
tPLH
LE
A or B
1.9
4.6
6.3
1.9
7.9
1.9
7.5
ns
tPHL
LE
A or B
1.9
4.3
5.9
1.9
6.9
1.9
6.6
ns
tPZH
CE
A or B
1.7
4.3
6.7
1.7
8.3
1.7
8
ns
tPZL
CE
A or B
2.6
5.2
8
2.6
8.8
2.6
8.8
ns
tPHZ
CE
A or B
1.6
3.8
6.6
1.6
7.4
1.6
7.1
ns
tPLZ
CE
A or B
2.4
4.6
7
2.4
7.9
2.4
7.5
ns
tPZH
OE
A or B
1.4
3.8
6.1
1.4
7.6
1.4
7.3
ns
tPZL
OE
A or B
2.3
4.7
7.4
2.3
8.2
2.3
8.1
ns
tPHZ
OE
A or B
1.3
3.4
6.1
1.3
6.7
1.3
6.5
ns
tPLZ
OE
A or B
2
4.2
6.6
2
7.2
2
6.9
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - SN74ABT32543PZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT32501 TI1-SN74ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT32501PZ TI1-SN74ABT32501PZ Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT32543PZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245_07 Datasheet
215Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com