전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8182DTG 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 CS8182DTG
상세설명  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182DTG 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button CS8182DTG Datasheet HTML 4Page - ON Semiconductor CS8182DTG Datasheet HTML 5Page - ON Semiconductor CS8182DTG Datasheet HTML 6Page - ON Semiconductor CS8182DTG Datasheet HTML 7Page - ON Semiconductor CS8182DTG Datasheet HTML 8Page - ON Semiconductor CS8182DTG Datasheet HTML 9Page - ON Semiconductor CS8182DTG Datasheet HTML 10Page - ON Semiconductor CS8182DTG Datasheet HTML 11Page - ON Semiconductor CS8182DTG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CS8182
http://onsemi.com
8
Figure 18. 8 Lead SOIC (Fused) Thermal
Resistance
Figure 19. 5 Lead DPAK Thermal Resistance
COPPER AREA (mm2)
COPPER AREA (mm2)
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
120
140
800
1 oz
2 oz
800
1 oz
2 oz
120
140
Figure 20. 5 Lead D2PAK Thermal Resistance
Figure 21. Thermal Resistance Summary
COPPER AREA (mm2)
COPPER AREA (mm2)
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
700
600
500
400
300
200
100
0
0
20
40
60
80
100
160
180
120
140
800
1 oz
2 oz
800
120
140
8 Lead SOIC w/ 4 Thermal Leads 1 oz
8 Lead SOIC w/ 4 Thermal Leads 2 oz
5 Lead DPAK 1 oz
5 Lead DPAK 2 oz
5 Lead D2PAK 2 oz
5 Lead D2PAK 1 oz


유사한 부품 번호 - CS8182DTG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8182DTG ONSEMI-CS8182DTG Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
More results

유사한 설명 - CS8182DTG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com