전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8361YDPS7G 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 CS8361YDPS7G
상세설명  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361YDPS7G 데이터시트(HTML) 7 Page - ON Semiconductor

  CS8361YDPS7G Datasheet HTML 1Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 2Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 3Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 4Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 5Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 6Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 7Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS8361
http://onsemi.com
7
PACKAGE DIMENSIONS
SO−16L
DWF SUFFIX
CASE 751G−03
ISSUE C
D
14X
B
16X
SEATING
PLANE
S
A
M
0.25
B S
T
16
9
8
1
B
A
e
T
C
q
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INLCUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
10.15
10.45
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
_
_
PACKAGE THERMAL DATA
Parameter
SO−16L
D2PAK, 7−Pin
Unit
RqJC
Typical
18
3.5
°C/W
RqJA
Typical
75
10−50*
°C/W
*Depending on thermal properties of substrate. RqJA = RqJC + RqCA.


유사한 부품 번호 - CS8361YDPS7G

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS8361YDPS7 CHERRY-CS8361YDPS7 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
More results

유사한 설명 - CS8361YDPS7G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com