전자부품 데이터시트 검색엔진 |
|
SST39VF040-45-4C-NH 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc |
|
SST39VF040-45-4C-NH 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc |
7 / 24 page Data Sheet 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040 SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040 7 ©2001 Silicon Storage Technology, Inc. S71150-03-000 6/01 395 TABLE 4: SOFTWARE COMMAND SEQUENCE Command Sequence 1st Bus Write Cycle 2nd Bus Write Cycle 3rd Bus Write Cycle 4th Bus Write Cycle 5th Bus Write Cycle 6th Bus Write Cycle Addr1 Data Addr1 Data Addr1 Data Addr1 Data Addr1 Data Addr1 Data Byte-Program 5555H AAH 2AAAH 55H 5555H A0H BA2 Data Sector-Erase 5555H AAH 2AAAH 55H 5555H 80H 5555H AAH 2AAAH 55H SAX3 30H Chip-Erase 5555H AAH 2AAAH 55H 5555H 80H 5555H AAH 2AAAH 55H 5555H 10H Software ID Entry4,5 5555H AAH 2AAAH 55H 5555H 90H Software ID Exit6 XXH F0H Software ID Exit6 5555H AAH 2AAAH 55H 5555H F0H T4.2 395 1. Address format A14-A0 (Hex), Address A15 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF512. Addresses A15-A16 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF010. Addresses A15-A17 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF020. Addresses A15-A18 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF040. 2. BA = Program Byte address 3. SAX for Sector-Erase; uses AMS-A12 address lines AMS = Most significant address AMS = A15 for SST39LF/VF512, A16 for SST39LF/VF010, A17 for SST39LF/VF020, and A18 for SST39LF/VF040 4. The device does not remain in Software Product ID Mode if powered down. 5. With AMS-A1 =0; SST Manufacturer’s ID= BFH, is read with A0 = 0, SST39LF/VF512 Device ID = D4H, is read with A0 = 1 SST39LF/VF010 Device ID = D5H, is read with A0 = 1 SST39LF/VF020 Device ID = D6H, is read with A0 = 1 SST39LF/VF040 Device ID = D7H, is read with A0 = 1 6. Both Software ID Exit operations are equivalent Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD + 1.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA 1. Outputs shorted for no more than one second. No more than one output shorted at a time. OPERATING RANGE FOR SST39LF512/010/020/040 Range Ambient Temp VDD Commercial 0°C to +70°C 3.0-3.6V OPERATING RANGE FOR SST39VF512/010/020/040 Range Ambient Temp VDD Commercial 0°C to +70°C 2.7-3.6V Industrial -40°C to +85°C 2.7-3.6V AC CONDITIONS OF TEST Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns Output Load CL = 30 pF for SST39LF512/010/020/040 CL = 100 pF for SST39VF512/010/020/040 See Figures 13 and 14 |
유사한 부품 번호 - SST39VF040-45-4C-NH |
|
유사한 설명 - SST39VF040-45-4C-NH |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |