전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF512-55-4I-B3H 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc

부품명 SST39VF512-55-4I-B3H
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF512-55-4I-B3H 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc

  SST39VF512-55-4I-B3H Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF512-55-4I-B3H Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
3
©2001 Silicon Storage Technology, Inc.
S71150-03-000
6/01
395
Data# Polling (DQ7)
When the SST39LF512/010/020/040 and SST39VF512/
010/020/040 are in the internal Program operation, any
attempt to read DQ7 will produce the complement of the
true data. Once the Program operation is completed, DQ7
will produce true data. The device is then ready for the next
operation. During internal Erase operation, any attempt to
read DQ7 will produce a ‘0’. Once the internal Erase opera-
tion is completed, DQ7 will produce a ‘1’. The Data# Polling
is valid after the rising edge of fourth WE# (or CE#) pulse
for Program operation. For Sector- or Chip-Erase, the
Data# Polling is valid after the rising edge of sixth WE# (or
CE#) pulse. See Figure 7 for Data# Polling timing diagram
and Figure 16 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 0s
and 1s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# (or
CE#) pulse for Program operation. For Sector- or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth
WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing dia-
gram and Figure 16 for a flowchart.
Data Protection
The SST39LF512/010/020/040 and SST39VF512/010/
020/040 provide both hardware and software features to
protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39LF512/010/020/040 and SST39VF512/010/
020/040 provide the JEDEC approved Software Data Pro-
tection scheme for all data alteration operation, i.e., Pro-
gram and Erase. Any Program operation requires the
inclusion of a series of three byte sequence. The three
byte-load sequence is used to initiate the Program opera-
tion, providing optimal protection from inadvertent Write
operations, e.g., during the system power-up or power-
down. Any Erase operation requires the inclusion of six
byte load sequence. These devices are shipped with the
Software Data Protection permanently enabled. See Table
4 for the specific software command codes. During SDP
command sequence, invalid commands will abort the
device to read mode, within TRC.
Product Identification
The Product Identification mode identifies the devices as
the SST39LF/VF512, SST39LF/VF010, SST39LF/VF020
and SST39LF/VF040 and manufacturer as SST. This
mode may be accessed by software operations. Users
may use the Software Product Identification operation to
identify the part (i.e., using the device ID) when using multi-
ple manufacturers in the same socket. For details, see
Table 4 for software operation, Figure 11 for the Software
ID Entry and Read timing diagram, and Figure 17 for the
Software ID entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read operation.
Please note that the Software ID Exit command is ignored
during an internal Program or Erase operation. See Table 4
for software command codes, Figure 12 for timing wave-
form, and Figure 17 for a flowchart.
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39LF/VF512
0001H
D4H
SST39LF/VF010
0001H
D5H
SST39LF/VF020
0001H
D6H
SST39LF/VF040
0001H
D7H
T1.1 395


유사한 부품 번호 - SST39VF512-55-4I-B3H

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF512-55-4I-B3KE SST-SST39VF512-55-4I-B3KE Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF512-55-4I-B3ME SST-SST39VF512-55-4I-B3ME Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

유사한 설명 - SST39VF512-55-4I-B3H

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com